Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA22 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TA22
Szczegółowy opis  Ultra Precision Thin Film MELF Resistors10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA22 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TA22 Datasheet HTML 1Page - Vishay Siliconix TA22 Datasheet HTML 2Page - Vishay Siliconix TA22 Datasheet HTML 3Page - Vishay Siliconix TA22 Datasheet HTML 4Page - Vishay Siliconix TA22 Datasheet HTML 5Page - Vishay Siliconix TA22 Datasheet HTML 6Page - Vishay Siliconix TA22 Datasheet HTML 7Page - Vishay Siliconix TA22 Datasheet HTML 8Page - Vishay Siliconix TA22 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UMA 0204, UMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 27-Mar-14
1
Document Number: 28715
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultra Precision Thin Film MELF Resistors
UMA 0204 and UMB 0207 ultra precision thin film MELF
resistors combine the proven reliability of precision MELF
products with the most advanced level of precision and
stability first achieved with axial thin film precision resistors.
This unique combination makes the product perfectly suited
for all applications with outstanding requirements towards
reliable precision and stability.
FEATURES
• Most advanced thin film technology
• Long term stability down to 0.02 %
• TCR down to ± 5 ppm/K
• High precision tolerance down to ± 0.02 %
• Operating voltage 350 V for UMB 0207
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Measuring and calibration equipment
• Industrial process control systems
• Space and aircraft electronics
• Medical equipment
Note
(1) Please refer to APPLICATION INFORMATION below.
TECHNICAL SPECIFICATIONS
DESCRIPTION
UMA 0204
UMB 0207
DIN size
0204
0207
Metric CECC size
RC 3715M
RC 6123M
Resistance range
22
 to 332 k
100
 to 390 k
Resistance tolerance
± 0.25 %; ± 0.1 %; ± 0.05 %; ± 0.02 %
Temperature coefficient
± 15 ppm/K; ± 10 ppm/K; ± 5 ppm/K
Rated dissipation, P70 (1)
0.25 W
0.4 W
Operating voltage, Umax. ACRMS or DC
200 V
350 V
Permissible film temperature,
max.
(1)
125 °C
Operating temperature range
-55 °C to 125 °C
Permissible voltage against ambient (insulation):
1 min; Uins
300 V
500 V
Continuous
75 V
75 V
Failure rate: FITobserved
0.1 x 109/h


Podobny numer części - TA22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TA22 VISHAY-TA22 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22 VISHAY-TA22 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
logo
Beijing Yaohuadechang E...
TA22-100 YHDC-TA22-100 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Vishay Siliconix
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
82Kb / 3P
   Single Value Chip Resistor
Revision: 27-Mar-14
TA22-100KD0016 VISHAY-TA22-100KD0016 Datasheet
89Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

Podobny opis - TA22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN WALSIN-WMXXN Datasheet
7Mb / 12P
   High Precision Power Thin Film MELF
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXN_Q WALSIN-WMXXN_Q Datasheet
2Mb / 12P
   High Precision Power Thin Film MELF
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com