Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5852DS Arkusz danych(PDF) 6 Page - Nippon Precision Circuits Inc

Numer części SM5852DS
Szczegółowy opis  Digital Audio Processor LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852DS Arkusz danych(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5852DS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SM5852DS
NIPPON PRECISION CIRCUITS—6
Serial input timing
DB/DS, OPT
When DB/DS or OPT change state, the input level
must be constant for a minimum of 2/fs (2
× LRCI
cycle time). Input levels of duration less than 2/fs
may be ignored.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
BCKI pulsewidth
tBCIW
100
ns
BCKI cycle time
tBCIY
200
ns
DI setup time
tDIS
75
ns
DI hold time
tDIH
75
ns
LRCI setup time
tLIS
75
ns
LRCI hold time
tLIH
75
ns
DI
1.5V
BCKI
LRCI
tBCIW
tBCIW
tBCIY
tDIS
tLIS
tLIH
1.5V
1.5V
tDIH
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Minimum pulsewidth
tW
2/fs
ns


Podobny numer części - SM5852DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
   SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
   Amplified Pressure Sensor
More results

Podobny opis - SM5852DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com