Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP112-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP112-Q1
Szczegółowy opis  TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  TMP112-Q1 Datasheet HTML 1Page - Texas Instruments TMP112-Q1 Datasheet HTML 2Page - Texas Instruments TMP112-Q1 Datasheet HTML 3Page - Texas Instruments TMP112-Q1 Datasheet HTML 4Page - Texas Instruments TMP112-Q1 Datasheet HTML 5Page - Texas Instruments TMP112-Q1 Datasheet HTML 6Page - Texas Instruments TMP112-Q1 Datasheet HTML 7Page - Texas Instruments TMP112-Q1 Datasheet HTML 8Page - Texas Instruments TMP112-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TMP112-Q1
www.ti.com
SLOS887D – SEPTEMBER 2014 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C and V+ = 1.4 to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
1.4
3.6
V
Serial bus inactive, CR1 = 1, CR0 = 0
7
10
(default)
IQ
Average quiescent current
Serial bus active, SCL frequency
μA
15
(SCL)) = 400 kHz
Serial bus active, ƒ(SCL) = 3.4 MHz
85
Serial bus inactive
0.5
1
ISD
Shutdown current
Serial bus active, ƒ(SCL) = 400 kHz
10
μA
Serial bus active, ƒ(SCL) = 3.4 MHz
80
6.6 Specifications for User-Calibrated Systems
For additional information on the slopes listed in this table, see the Calibrating for Improved Accuracy section.
PARAMETER
CONDITION
MIN
MAX
UNIT
V+ = 3.3, –40°C to 25°C
–7
0
m°C/°C
Average Slope
V+ = 3.3, 25°C to 85°C
0
5
m°C/°C
(Temperature Error vs Temperature)(1)
V+ = 3.3, 85°C to 125°C
0
8
m°C/°C
(1)
User-calibrated temperature accuracy can be within ±1LSB because of quantization noise.
6.7 Timing Requirements
See the Timing Diagrams section for timing diagrams.
HIGH-SPEED
FAST MODE
MODE
UNIT
MIN
MAX
MIN
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.85
MHz
Bus-free time between STOP and START
t(BUF)
600
160
ns
condition
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
See Two-Wire Timing Diagrams
t(SUSTA)
repeated start condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
100
900
25
105
ns
t(SUDAT)
Data setup time
100
25
ns
V+ , see Two-Wire Timing
t(LOW)
SCL-clock low period
1300
210
ns
Diagrams
t(HIGH)
SCL-clock high period
See Two-Wire Timing Diagrams
600
60
ns
tFD
Data fall time
See Two-Wire Timing Diagrams
300
80
ns
See Two-Wire Timing Diagrams
300
ns
tRD
Data rise time
SCLK
≤ 100 kHz, see Two-Wire
1000
ns
Timing Diagrams
tFC
Clock fall time
See Two-Wire Timing Diagrams
300
40
ns
tRC
Clock rise time
See Two-Wire Timing Diagrams
300
40
ns
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP112-Q1


Podobny numer części - TMP112-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP112-Q1 TI1-TMP112-Q1 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP112-Q1 TI1-TMP112-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
More results

Podobny opis - TMP112-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
TMP127-Q1 TI-TMP127-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TMP127-Q1 High-Accuracy, Low-Power, Digital Temperature Sensor With 3-Wire, SPICompatible Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com