Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW217A Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części FW217A
Szczegółowy opis  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW217A Arkusz danych(HTML) 2 Page - ON Semiconductor

  FW217A Datasheet HTML 1Page - ON Semiconductor FW217A Datasheet HTML 2Page - ON Semiconductor FW217A Datasheet HTML 3Page - ON Semiconductor FW217A Datasheet HTML 4Page - ON Semiconductor FW217A Datasheet HTML 5Page - ON Semiconductor FW217A Datasheet HTML 6Page - ON Semiconductor FW217A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FW217A
No.8994-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
35
V
Zero-Gate Voltage Drain Current
IDSS
VDS=35V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.7
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=6A
3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=6A, VGS=10V
30
39
RDS(on)2
ID=3A, VGS=4.5V
50
70
Input Capacitance
Ciss
VDS=20V, f=1MHz
470
pF
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
35
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8ns
Rise Time
tr
34
ns
Turn-OFF Delay Time
td(off)
31
ns
Fall Time
tf
30
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=6A
10
nC
Gate-to-Source Charge
Qgs
2nC
Gate-to-Drain “Miller” Charge
Qgd
2nC
Diode Forward Voltage
VSD
IS=6A, VGS=0V
0.84
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
FW217A-TL-2W
SOIC8
2,500pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=6A
RL=3Ω
VDD=20V
VOUT
VIN
10V
0V
VIN
FW217A


Podobny numer części - FW217A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
FW217A SANYO-FW217A Datasheet
347Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Podobny opis - FW217A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com