Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK681-300 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części STK681-300
Szczegółowy opis  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-300 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button STK681-300 Datasheet HTML 2Page - ON Semiconductor STK681-300 Datasheet HTML 3Page - ON Semiconductor STK681-300 Datasheet HTML 4Page - ON Semiconductor STK681-300 Datasheet HTML 5Page - ON Semiconductor STK681-300 Datasheet HTML 6Page - ON Semiconductor STK681-300 Datasheet HTML 7Page - ON Semiconductor STK681-300 Datasheet HTML 8Page - ON Semiconductor STK681-300 Datasheet HTML 9Page - ON Semiconductor STK681-300 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK681-300
No. A0760-6/10
(6) Sample Timing Diagram
(7) Smoke Emission Precautions: There is a possibility of smoke emission if the hybrid IC is subjected to physical or
electrical damage as the result of being used without compliance with the specifications.
I/O Functions of Each Pin
Pin Name
Pin No.
Function
IN1
12
Input pin for turning TR1 and F1 ON and OFF
At high level, TR1: ON and F1: OFF; at low level TR1: OFF and F1: ON
IN2
13
Input pin for turning TR2 and F2 ON and OFF
At high level, TR2: ON and F2: OFF; at low level, TR2: OFF and F2: ON
INH
14
Pin for turning TR1 and TR2 OFF; At high level TR1 and TR2: OFF
This pin is usually low or open.
OUT1
8
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
OUT2
6
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
Vref1a
Vref1b
16
18
This pin is used for current setting for constant-current operation performed with the Vrefa and Vrefb pins
connected
A voltage of 0.29V at Tc=25
°C results for Vref1.
0.29V is set by connecting 82k
Ω and 5.1kΩ in series.
Current detection resistance is Rs=0.10
Ω. Set using IO peak=Vref1÷Rs.
Vref2
17
Be sure to usually leave this pin open.
The overheating control circuit can be made to stop operating by connecting this pin to the GND or S.P pin.
S.P
2
Vref1 voltage can be lowered by connecting a resistor between the Vref1 and S.P pins.
RSO
3
This pin is used to monitor the voltage across the current sensing resistor, Rs. Must be connected to the RSI
pin.
RSI
19
This pin is connected to the RSO pin and serves as an input to the circuit that compares the input with Vref1.
Forward
rotation
Brake
Reverse
rotation
IN1
IN2
INH
Stop 1
Stop 2
Stop 1
IN1
IN2
INH
Stop 1
Stop 1
Stop 2
Forward
rotation
Forward
rotation
Forward
rotation
Brake
Brake
Brake
Reverse
rotation
Reverse
rotation
Reverse
rotation


Podobny numer części - STK681-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK681-300 SANYO-STK681-300 Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
More results

Podobny opis - STK681-300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com