Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5878 Arkusz danych(PDF) 3 Page - Nippon Precision Circuits Inc

Numer części SM5878
Szczegółowy opis  3rd-order , 2-channel D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5878 Arkusz danych(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5878 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5878 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM5878AM/AV
NIPPON PRECISION CIRCUITS—3
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
MUTE
Ip
When MODE is HIGH: Soft mute ON/OFF control. Mute is active when HIGH.
When MODE is LOW: Attenuator level direction control. The attenuator direction is down when HIGH.
2
DEEM
Ip
Deemphasis control. Deemphasis is ON when HIGH, and OFF when LOW.
3
CKO
O
16.9344 MHz clock output
4
DVSS
-
Digital ground
5
BCKI
Ip
Bit clock input
6
DI
Ip
Serial data input
7
DVDD
-
Digital supply
8
LRCI
Ip
Input sample data rate (fs) clock input pin. Left-channel input when HIGH, and right-channel input when
LOW.
9
TSTN
Ip
Test pin. Test mode when LOW.
Filter & attenuation
operation block
Noise shaper
operation block
Input interface
+
+
Attenuation
counter
Timing
control
LRCI
DI
BCKI
LO
AVSS
RO
MODE
ATCK
MUTE
RSTN
DS
DVSS
DVDD
TSTN
TO1
AVDDL
DEEM
CKO
XVSS
XTO
XTI
XVDD
AVDDR
LR
LR
MUTEO
11Level
DEM DAC
11Level
DEM DAC
11Level
DEM DAC
11Level
DEM DAC


Podobny numer części - SM5878

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Podobny opis - SM5878

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM588X NPC-SM588X Datasheet
196Kb / 16P
   Audio 3rd-order D/A Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
   8-Bit, 2-Channel D-A Converter (Buffered)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com