Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP107BID Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP107BID
Szczegółowy opis  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP107BID Arkusz danych(HTML) 3 Page - Texas Instruments

  TMP107BID Datasheet HTML 1Page - Texas Instruments TMP107BID Datasheet HTML 2Page - Texas Instruments TMP107BID Datasheet HTML 3Page - Texas Instruments TMP107BID Datasheet HTML 4Page - Texas Instruments TMP107BID Datasheet HTML 5Page - Texas Instruments TMP107BID Datasheet HTML 6Page - Texas Instruments TMP107BID Datasheet HTML 7Page - Texas Instruments TMP107BID Datasheet HTML 8Page - Texas Instruments TMP107BID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
GND
V+
R1
ALERT1
I/O1
2
6
8
7
1
ALERT2
I/O2
R2
4
3
5
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
V+
Supply voltage, 1.7 V to 5.5 V
2
R1
I
Built-in pullup resistor for ALERT1; float or connect to V+
3
I/O1
I/O
SMAART wire input, output 1
4
ALERT1
O
Over- and undertemperature alert. Open-drain output; internally connected to pullup resistor R1.
5
GND
Ground
6
ALERT2
O
Over- and undertemperature alert. Open-drain output; internally connected to pullup resistor R2.
7
I/O2
I/O
SMAART wire input, output 2
8
R2
I
Built-in pullup resistor for ALERT2; float or connect to V+
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP107


Podobny numer części - TMP107BID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Podobny opis - TMP107BID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com