Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP107BQDRQ1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP107BQDRQ1
Szczegółowy opis  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP107BQDRQ1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TMP107BQDRQ1 Datasheet HTML 3Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 4Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 5Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 6Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 7Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 8Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 9Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 10Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
VIH
VIL
tRISE
tJITTER
tJITTER
tSKEW
tSKEW
tBAUD
tBAUD
tFALL
From Host to TMP107
From TMP107 to Host
or
From TMP107 to Next
TMP107 in Daisy-Chain
tJITTER
tJITTER
tRISE
tFALL
VIH
VIL
TMP107-Q1
www.ti.com
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
FROM HOST TO THE TMP107-Q1
1/tBAUD
SMAART bus baud rate
4.8
115.4
kBd
tRISE + tJITTER
SMAART bus transition from low to high + edge timing variance
15 % of (1/baud)
tFALL + tJITTER
SMAART bus transition from high to low + edge timing variance
15 % of (1/baud)
FROM THE TMP107-Q1 TO HOST OR NEXT TMP107-Q1 IN DAISY-CHAIN
tJITTER
Edge timing variance
1
µs
tSKEW
Average phase shift between IO1 and IO2
33
ns
tRISE
SMAART bus transition from low to high, 10-pF load
10
ns
tFALL
SMAART bus transition from high to low, 10-pF load
10
ns
Figure 1. Timing Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP107-Q1


Podobny numer części - TMP107BQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107BID TI-TMP107BID Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107BIDR TI-TMP107BIDR Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
More results

Podobny opis - TMP107BQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com