Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK673-011-E Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części STK673-011-E
Szczegółowy opis  3-Phase Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK673-011-E Arkusz danych(HTML) 3 Page - ON Semiconductor

  STK673-011-E Datasheet HTML 1Page - ON Semiconductor STK673-011-E Datasheet HTML 2Page - ON Semiconductor STK673-011-E Datasheet HTML 3Page - ON Semiconductor STK673-011-E Datasheet HTML 4Page - ON Semiconductor STK673-011-E Datasheet HTML 5Page - ON Semiconductor STK673-011-E Datasheet HTML 6Page - ON Semiconductor STK673-011-E Datasheet HTML 7Page - ON Semiconductor STK673-011-E Datasheet HTML 8Page - ON Semiconductor STK673-011-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STK673-011-E
No.A1137-3/15
Electrical Characteristics 2 at Tc = 25
°C, VCC1 = 24V, VCC2 = 5V
Current division ratio at phase current of 1/4 electrorotation, in each excitation mode (unit = %, typ.) Number of current
division is put in parentheses.
Current division
2 phase (1)
2-3 phase (3)
W2-3 phase (6)
2W2-3 phase (12)
1/96
0
2/96
0
3/96
13
4/96
0
5/96
26
6/96
26
7/96
38
8/96
0
9/96
50
10/96
50
11/96
61
12/96
50
13/96
71
14/96
71
15/96
79
16/96
17/96
87
18/96
87
19/96
92
20/96
87
21/96
96
22/96
96
23/96
98
24/96
100
100
100
100
Note: Constant voltage supply is used as power supply.
Electrical Characteristic 2 represents design values. Measurement for controlling the standard value is not
conducted.
Package Dimensions
unit:mm (typ)
64.0
2.0
0.5
0.4
2.9
128
27 2.0=54.0
8.5


Podobny numer części - STK673-011-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK673-011-E SANYO-STK673-011-E Datasheet
131Kb / 15P
   Thick-Film Hybrid IC 3-Phase Stepping Motor Driver
More results

Podobny opis - STK673-011-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com