Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB110P08KN3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB110P08KN3
Szczegółowy opis  -80V P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P08KN3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB110P08KN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB110P08KN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C123N3
Issued Date : 2015.11.09
Revised Date :
Page No. : 1/9
MTB110P08KN3
CYStek Product Specification
-80V P-Channel Enhancement Mode MOSFET
MTB110P08KN3 BVDSS
-80V
ID @ VGS=-10V, TA=25°C
-2.2A
RDSON@VGS=-10V, ID=-2A
104mΩ(typ)
RDSON@VGS=-4.5V,ID=-1A
141mΩ(typ)
Features
• Low gate charge
• Compact and low profile SOT-23 package
• Advanced trench process technology
• High density cell design for ultra low on resistance
• ESD protected gate
• Pb-free lead plating package
Symbol
Outline
Ordering Information
Device
Package
Shipping
MTB110P08KN3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
MTB110P08KN3
SOT-23
D
S
G:Gate
S:Source
D:Drain
G
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Podobny numer części - MTB110P08KN3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB110P08KN6 CYSTEKEC-MTB110P08KN6 Datasheet
514Kb / 8P
   -80V P-Channel Enhancement Mode Power MOSFET
MTB110P08KN6-0-T1-G CYSTEKEC-MTB110P08KN6-0-T1-G Datasheet
514Kb / 8P
   -80V P-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB110P08KN3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB110P08KN6 CYSTEKEC-MTB110P08KN6 Datasheet
514Kb / 8P
   -80V P-Channel Enhancement Mode Power MOSFET
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
logo
Pan Jit International I...
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
   80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com