Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145156DW2 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC145156DW2
Szczegółowy opis  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145156DW2 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC145156DW2 Datasheet HTML 7Page - Motorola, Inc MC145156DW2 Datasheet HTML 8Page - Motorola, Inc MC145156DW2 Datasheet HTML 9Page - Motorola, Inc MC145156DW2 Datasheet HTML 10Page - Motorola, Inc MC145156DW2 Datasheet HTML 11Page - Motorola, Inc MC145156DW2 Datasheet HTML 12Page - Motorola, Inc MC145156DW2 Datasheet HTML 13Page - Motorola, Inc MC145156DW2 Datasheet HTML 14Page - Motorola, Inc MC145156DW2 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
11
OUTPUT PINS
PDout
Phase Detector A Output (PDIP, SOG – Pin 6)
Three–state output of phase detector for use as loop error
signal. Double–ended outputs are also available for this pur-
pose (see
φV and φR).
Frequency fV > fR or fV Leading: Negative Pulses
Frequency fV < fR or fV Lagging: Positive Pulses
Frequency fV = fR and Phase Coincidence: High–Imped-
ance State
φR, φV
Phase Detector B Outputs (PDIP, SOG – Pins 4, 3)
These phase detector outputs can be combined externally
for a loop–error signal. A single–ended output is also avail-
able for this purpose (see PDout).
If frequency fV is greater than fR or if the phase of fV is
leading, then error information is provided by
φV pulsing low.
φR remains essentially high.
If the frequency fV is less than fR or if the phase of fV is
lagging, then error information is provided by
φR pulsing low.
φV remains essentially high.
If the frequency of fV = fR and both are in phase, then both
φV and φR remain high except for a small minimum time
period when both pulse low in phase.
LD
Lock Detector Output (PDIP – Pin 8, SOG – Pin 9)
Essentially a high level when loop is locked (fR, fV of same
phase and frequency). LD pulses low when loop is out of
lock.
SW1, SW2
Band Switch Outputs (PDIP – Pins 13, 14;
SOG – Pins 14, 15)
SW1 and SW2 provide latched open–drain outputs corre-
sponding to data bits numbers one and two. These outputs
can be tied through external resistors to voltages as high as
15 V, independent of the VDD supply voltage. These are
typically used for band switch functions. A logic 1 causes the
output to assume a high–impedance state, while a logic 0
causes the output to be low.
REFout
Buffered Reference Oscillator Output (PDIP, SOG –
Pin 15)
Buffered output of on–chip reference oscillator or exter-
nally provided reference–input signal.
POWER SUPPLY
VDD
Positive Power Supply (PDIP, SOG – Pin 5)
The positive power supply potential. This pin may range
from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (PDIP, SOG – Pin 7)
The most negative supply potential. This pin is usually
ground.
TYPICAL APPLICATIONS
Figure 1. Microprocessor–Controlled TV/CATV Tuning System with Serial Interface
fin
3
LED DISPLAY
MC14489
KEYBOARD
CMOS
MPU/MCU
ENB
CLK
DATA
1/2 MC1458*
MC145155–2
MC12073/74
PRESCALER
UHF/VHF
TUNER OR
CATV
FRONT END
4.0 MHz
φV
φR
+
* The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter Design page
for additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the common
mode input range of the op amp used in the combiner/loop filter.


Podobny numer części - MC145156DW2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145156DW2 LANSDALE-MC145156DW2 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
More results

Podobny opis - MC145156DW2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com