Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145151 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC145151
Szczegółowy opis  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC145151 Datasheet HTML 1Page - Motorola, Inc MC145151 Datasheet HTML 2Page - Motorola, Inc MC145151 Datasheet HTML 3Page - Motorola, Inc MC145151 Datasheet HTML 4Page - Motorola, Inc MC145151 Datasheet HTML 5Page - Motorola, Inc MC145151 Datasheet HTML 6Page - Motorola, Inc MC145151 Datasheet HTML 7Page - Motorola, Inc MC145151 Datasheet HTML 8Page - Motorola, Inc MC145151 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
5
Parallel-Input PLL Frequency
Synthesizer
Interfaces with Dual–Modulus Prescalers
The MC145152–2 is programmed by sixteen parallel inputs for the N and A
counters and three input lines for the R counter. The device features consist of
a reference oscillator, selectable–reference divider, two–output phase detector,
10–bit programmable divide–by–N counter, and 6–bit programmable
÷ A
counter.
The MC145152–2 is an improved–performance drop–in replacement for the
MC145152–1. Power consumption has decreased and ESD and latch–up
performance have improved.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Lock Detect Signal
• Dual Modulus/Parallel Programming
• 8 User–Selectable ÷ R Values: 8, 64, 128, 256, 512, 1024, 1160, 2048
• ÷ N Range = 3 to 1023, ÷ A Range = 0 to 63
• Chip Complexity: 8000 FETs or 2000 Equivalent Gates
• See Application Note AN980
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145152-2
P SUFFIX
PLASTIC DIP
CASE 710
DW SUFFIX
SOG PACKAGE
CASE 751F
ORDERING INFORMATION
MC145152P2
Plastic DIP
MC145152DW2
SOG Package
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
φR
RA0
VDD
VSS
fin
N0
φV
RA1
N3
N2
N1
RA2
MC
A5
A3
A4
OSCout
OSCin
LD
N5
N6
N7
N4
N9
A2
A0
N8
A1
PIN ASSIGNMENT
1
28
1
28
© Motorola, Inc. 1995
REV 1
8/95


Podobny numer części - MC145151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
MC145151-2/D NXP-MC145151-2/D Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
LANSDALE Semiconductor ...
MC145151DW2 LANSDALE-MC145151DW2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151DW2 FREESCALE-MC145151DW2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
More results

Podobny opis - MC145151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com