Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM20
Szczegółowy opis  LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM20 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM20_15 Datasheet HTML 1Page - Texas Instruments LM20_15 Datasheet HTML 2Page - Texas Instruments LM20_15 Datasheet HTML 3Page - Texas Instruments LM20_15 Datasheet HTML 4Page - Texas Instruments LM20_15 Datasheet HTML 5Page - Texas Instruments LM20_15 Datasheet HTML 6Page - Texas Instruments LM20_15 Datasheet HTML 7Page - Texas Instruments LM20_15 Datasheet HTML 8Page - Texas Instruments LM20_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
5 Pin Configuration and Functions
DCK Package
5-Pin SC70
(Top View)
YZR Package
4-Pin DSBGA
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DSBGA
SC70
Device substrate and die attach paddle, connect to power supply negative
GND
2
GND
terminal. For optimum thermal conductivity to the PC board ground plane, pin
2 must be grounded. This pin may also be left floating.
GND
A2
5
GND
Device ground pin, connect to power supply negative terminal.
NC (pin 1) must be left floating or grounded. Other signal traces must not be
NC
A1
1
connected to this pin.
Analog
VO
B1
3
Temperature sensor analog output
Output
V+
B2
4
Power
Positive power supply pin
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage
−0.2
6.5
V
Output Voltage
−0.6
(V+ + 0.6 )
V
Output Current
10
mA
Input Current at any pin(3)
5
mA
Maximum Junction Temperature (TJMAX)
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.
(3)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20


Podobny numer części - LM20_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Podobny opis - LM20_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com