Zakładka z wyszukiwarką danych komponentów |
|
SM6611AAH Arkusz danych(PDF) 2 Page - Nippon Precision Circuits Inc |
|
SM6611AAH Arkusz danych(HTML) 2 Page - Nippon Precision Circuits Inc |
2 / 4 page SM6611 series NIPPON PRECISION CIRCUITS—2 BLOCK DIAGRAM PIN DESCRIPTION Output inverting temperature detect Output buffer OUT VDD Comparator Reference temperature sensor VSS TEST1 Hysteresis control TEST2 TEST3 Number Name I/O Description 1 VDD – Supply voltage 2T1– Test pin 1. This pin is used for test purposes by NPC. It has a built-in pull-up resistor. Leave open for normal operation. 3 OUT O Output. SM6611 ×AH: Open-drain output. A pull-up resistor of 100kΩ should be connected to this pin. Goes LOW when the switch preset temperature is exceeded. SM6611 ×BH: CMOS output. Goes LOW to HIGH when the switch preset temperature is exceeded. 4 T3 – Test pin 3. This pin is used for test purposes by NPC. Connect to VSS for normal operation. 5 VSS – Ground 6 T2 – Test pin 3. This pin is used for test purposes by NPC. Connect to VSS for normal operation. |
Podobny numer części - SM6611AAH |
|
Podobny opis - SM6611AAH |