Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SV263 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części 1SV263
Szczegółowy opis  PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SV263 Arkusz danych(HTML) 2 Page - ON Semiconductor

  1SV263 Datasheet HTML 1Page - ON Semiconductor 1SV263 Datasheet HTML 2Page - ON Semiconductor 1SV263 Datasheet HTML 3Page - ON Semiconductor 1SV263 Datasheet HTML 4Page - ON Semiconductor 1SV263 Datasheet HTML 5Page - ON Semiconductor 1SV263 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SV263
No.4510-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=10μA50
V
Reverse Current
IR
VR=50V
0.1
μA
Forward Voltage
VF
IF=50mA
0.91
0.95
V
Interterminal Capacitance
C
VR=50V, f=1MHz
0.23
0.4
pF
Series Resistance
rs
IF=5mA, f=100MHz
4.0
8.0
Ω
IF=10mA, f=100MHz
2.5
4.5
Ω
Ordering Information
Device
Package
Shipping
memo
1SV263-TL-E
MCP
3,000pcs./reel
Pb Free
IF -- VF
Forward Voltage, VF -- V
2
5
7
3
2
5
7
3
2
5
3
2
5
7
3
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
ID00067
C -- VR
Reverse Voltage, VR -- V
0.1
2
1.0
3
5
7
0.1
1.0
23
5
7
10
23
5
7
100
23
5
7
ID00068
Ta=25
°C
f=1MHz


Podobny numer części - 1SV263

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263 Datasheet
65Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV263 KEXIN-1SV263 Datasheet
44Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
More results

Podobny opis - 1SV263

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com