Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6781 Arkusz danych(PDF) 6 Page - Nippon Precision Circuits Inc

Numer części SM6781
Szczegółowy opis  Ni-MH/Ni-Cd Battery Charger IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6781 Arkusz danych(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM6781 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM6781BV
NIPPON PRECISION CIRCUITS—6
Initialization
The SM6781BV charging operation commences when power is applied or when a battery is inserted (standby
mode released). Approximately 200ms are required when operation starts to initialize all internal circuits.
When initialization finishes, the charging mode is determined by the BATT input voltage and the timer mode.
Battery Voltage Check
When the BATT input voltage is outside the permitted range, quick charge stops. At this point, the maximum
quick charge time count and -
∆V prohibit time counters also stop. When the BATT input voltage comes back
within the permitted range, quick charge and timer stop conditions are released. When quick charge mode is
restarted, the saved peak voltage data is reset (cleared to 0V).
∆V Detection Prohibit Time
∆V detection is not performed for approximately 15 minutes from when quick charge commences (quick
charge cumulative time).
CHGN Output
CHGN becomes high impedance during quick charge. CHGN goes LOW when quick charge mode finishes or
when abnormal battery voltage is detected.
LEDN Output
LEDN is LOW during quick charge (LED is ON), and high impedance after quick charge finishes (LED is
OFF). When an abnormal battery voltage is detected before quick charge finishes, a pulse of approximately
1Hz is output (LED flashes). Also, a 1Hz pulse is output when INH is HIGH.
Quick Charge Termination
Quick charge finishes when either –
∆V voltage is detected or the maximum charging time has elapsed.
Figure 1. CHGN state
Figure 2. LEDN output
Hi-Z
Low
Stop/Hold/INH=High
Quick charge
CHGN
Hi-Z
Low
LED OFF
Power ON or Standby mode cancel
Approximately
200ms
Depends on charge mode


Podobny numer części - SM6781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
More results

Podobny opis - SM6781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
logo
Shenzhen Huazhimei Semi...
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
   USB Ni-Cd/Ni-MH rechargeable IC
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
   Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
   USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
   USB Ni-Cd/Ni-MH charge management IC
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
   Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
   Ni-MH
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
List of Unclassifed Man...
V110HT ETC2-V110HT Datasheet
88Kb / 1P
   Rechargeable Ni-MH Button
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com