Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1060VHEWS Arkusz danych(PDF) 2 Page - Pan Jit International Inc.

Numer części SS1060VHEWS
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060VHEWS Arkusz danych(HTML) 2 Page - Pan Jit International Inc.

  SS1060VHEWS Datasheet HTML 1Page - Pan Jit International Inc. SS1060VHEWS Datasheet HTML 2Page - Pan Jit International Inc. SS1060VHEWS Datasheet HTML 3Page - Pan Jit International Inc. SS1060VHEWS Datasheet HTML 4Page - Pan Jit International Inc. SS1060VHEWS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
August 15,2011-REV.00
SS1060VHEWS
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
I R=100μA
TA=25oC60
-
-
V
Instantaneous forward voltage
VF
I F=0.1A
I F=0.7A
I F=1.0A
TA=25oC
-
-
-
0.34
0.49
0.55
0.45
0.58
0.60
V
I F=0.1A
I F=0.7A
I F=1.0A
TA=125oC
-
-
-
0.21
0.45
0.53
-
-
-
V
Reverse current
I R
VR=48V
TA=25oC-
5.1
-
μA
VR=60V
TA=25oC
TA=125oC
-
-
-
10
100
-
μA
mA
Typical Junction capacitance
CJ
VR=0V , f=1MHz
-
136
-
pF
RATING AND CHARACTERISTIC CURVES
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC, Case Temperature (°C)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
0
0.1
0.2
0.3
0.4
0.5
0.6
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
T
J = 25°C
TJ = 75°C
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
TJ = 25°C
TJ = 75°C
TJ = 125°C


Podobny numer części - SS1060VHEWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS1060VHEWS PANJIT-SS1060VHEWS_16 Datasheet
298Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1060VHEWS_R1_00001 PANJIT-SS1060VHEWS_R1_00001 Datasheet
298Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1060VHEWS_R2_00001 PANJIT-SS1060VHEWS_R2_00001 Datasheet
298Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS1060VHEWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com