Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW389 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części FW389
Szczegółowy opis  Complementary Dual Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW389 Arkusz danych(HTML) 6 Page - ON Semiconductor

  FW389 Datasheet HTML 1Page - ON Semiconductor FW389 Datasheet HTML 2Page - ON Semiconductor FW389 Datasheet HTML 3Page - ON Semiconductor FW389 Datasheet HTML 4Page - ON Semiconductor FW389 Datasheet HTML 5Page - ON Semiconductor FW389 Datasheet HTML 6Page - ON Semiconductor FW389 Datasheet HTML 7Page - ON Semiconductor FW389 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FW389
No. A2066-6/8
IT16927
IT16926
[Nch/Pch]
[Nch/Pch]
0
0
20
40
60
2.0
2.2
1.8
1.2
1.4
1.0
0.4
0.2
0.6
1.6
0.8
80
2.4
140
100
120
160
Ambient Temperature, Ta --
°C
PD -- Ta
1uni
t
Allowable Power Dissipation(FET2), PD -- W
PD (FET1) -- PD (FET2)
0
0
0.4
0.8
0.2
0.6
0.4
1.2
1.0
1.2
1.0
0.8
0.2
0.6
1.4
1.8
1.6
1.4
1.8
1.6
2.0
2.0
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
Total
dissipatio
n
IT14160
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
Ambient Temperature, Ta --
°C
[Nch/Pch]


Podobny numer części - FW389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results

Podobny opis - FW389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com