Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW389 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części FW389
Szczegółowy opis  Complementary Dual Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW389 Arkusz danych(HTML) 4 Page - ON Semiconductor

  FW389 Datasheet HTML 1Page - ON Semiconductor FW389 Datasheet HTML 2Page - ON Semiconductor FW389 Datasheet HTML 3Page - ON Semiconductor FW389 Datasheet HTML 4Page - ON Semiconductor FW389 Datasheet HTML 5Page - ON Semiconductor FW389 Datasheet HTML 6Page - ON Semiconductor FW389 Datasheet HTML 7Page - ON Semiconductor FW389 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FW389
No. A2066-4/8
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Pch]
[Pch]
Total Gate Charge, Qg -- nC
VGS -- Qg
IT16914
0
0
1
2
3
4
5
6
7
11
8
10
8
9
46
210
0
5
1.0
7
5
3
2
10
100
7
3
2
5
7
1000
3
2
30
20
10
525
15
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT16913
Drain Current, ID -- A
SW Time -- ID
IT16912
IT16911
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
7
5
3
2
2
0.1
7
5
3
1.0
7
2
10
7
5
3
2
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain Current, ID -- A
IT16910
f=1MHz
Ciss
Coss
Crss
0.1
1.0
2
23
57
10
35
7
2
3
5
7
2
0.1
1.0
3
5
7
10
VDS=10V
Ta=
--25
°C
75°C
VGS=0V
10
1.0
3
3
2
2
5
7
100
5
7
0.1
1.0
2
23
57
10
35
7
VDD=50V
VGS=10V
td(off)
tf
td(on)
tr
| yfs | -- ID
25°C
5
3
VDS=50V
ID=2A
0
--1
--2
--8
--5
--6
--7
--4
--3
0--1.0
--2.0
--3.0
--4.0
--0.5
--1.5
--2.5
--3.5
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT16916
0--1.0
--0.5
--1.5
--4.5
--2.5
--2.0
--3.0
--3.5
--4.0
0
--1
--3
--5
--8
--2
--4
--6
--7
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT16917
--3.5V
--4.5
V
VDS= --10V
VGS= --3.0V
[Nch]
IT16915
0.1
1.0
57
23
2
10
57
32
100
57
7
32 35
100
2
2
3
5
7
0.01
2
3
5
7
0.1
S O A
Drain-to-Source Voltage, VDS -- V
0.001
Operation in this
area is limited by RDS(on).
100
μs
100m
s
10ms
1m
s
2
3
5
7
2
3
5
7
3
5
7
1.0
10
100
IDP=8A(PW≤10μs)
ID=2A
DC
operation(P
W≤10s)
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(2000mm2
×0.8mm) 1unit


Podobny numer części - FW389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results

Podobny opis - FW389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com