Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW4604 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części FW4604
Szczegółowy opis  Complementary Dual Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW4604 Arkusz danych(HTML) 5 Page - ON Semiconductor

  FW4604 Datasheet HTML 1Page - ON Semiconductor FW4604 Datasheet HTML 2Page - ON Semiconductor FW4604 Datasheet HTML 3Page - ON Semiconductor FW4604 Datasheet HTML 4Page - ON Semiconductor FW4604 Datasheet HTML 5Page - ON Semiconductor FW4604 Datasheet HTML 6Page - ON Semiconductor FW4604 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FW4604
No. A0273-5/7
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain to Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT16737
IT16736
0
0
--1
--2
--3
--4
--5
--6
--7
--8
--10
--9
10
2468
VDS= --15V
ID= --4.5A
IT16734
IT16735
0
--20
--5
100
1000
10
7
5
3
2
7
5
3
2
--15
--10
--25
--30
f=1MHz
IT16733
Ciss
Coss
Crss
[Pch]
[Pch]
A S O
Drain to Source Voltage, VDS -- V
[Pch]
2
2
3
5
7
--0.1
2
3
5
7
--1.0
--0.01
--0.01
--0.1
57
23
2
--1.0
57
32
--10
57
--100
7
32 3 5
Operation in this
area is limited by RDS(on).
100
μs
100ms
DC
operation
10ms
1ms
2
3
5
7
3
5
7
--10
--100
IDP= --18A (PW≤10μs)
ID= --4.5A
10s
Ta=25
°C
Single pulse
When mounted on ceramic substrate (2000mm2
×0.8mm)
Allowable Power Dissipation(FET2), PD -- W
PD (FET1) -- PD (FET2)
Ambient Temperature, Ta --
°C
PD -- Ta
0
25
50
75
100
125
150
175
0
0.4
0.2
0.8
0.6
1.0
1.4
1.2
1.8
1.6
2.4
2.0
2.2
1unit
0
0
0.4
0.8
0.2
0.6
0.4
1.2
1.0
1.2
1.0
0.8
0.2
0.6
1.4
1.8
2.0
2.2
1.6
1.4
1.8
1.6
2.4
2.2
2.0
2.4
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
[Nch/Pch]
[Nch/Pch]
--0.1
100
2
3
10
1.0
2
--1.0
22
35
7
--10
35
7
7
3
5
7
5
IT16732
td(on)
t r
VDD= --15V
VGS= --10V
tf
td(off)
[Pch]


Podobny numer części - FW4604

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FutureWafer Tech Co.,Lt...
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
logo
Texas Instruments
FW427IPMR-ACTA TI1-FW427IPMR-ACTA Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
More results

Podobny opis - FW4604

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
   Complementary Dual Power MOSFET
February, 2014
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com