Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF5P02HD Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MMSF5P02HD
Szczegółowy opis  P-Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF5P02HD Arkusz danych(HTML) 2 Page - ON Semiconductor

  MMSF5P02HD Datasheet HTML 1Page - ON Semiconductor MMSF5P02HD Datasheet HTML 2Page - ON Semiconductor MMSF5P02HD Datasheet HTML 3Page - ON Semiconductor MMSF5P02HD Datasheet HTML 4Page - ON Semiconductor MMSF5P02HD Datasheet HTML 5Page - ON Semiconductor MMSF5P02HD Datasheet HTML 6Page - ON Semiconductor MMSF5P02HD Datasheet HTML 7Page - ON Semiconductor MMSF5P02HD Datasheet HTML 8Page - ON Semiconductor MMSF5P02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMSF5P02HD
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
20
V
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
V
Gate−to−Source Voltage − Continuous
VGS
± 8.0
V
1″ SQ.
FR−4 or G−10 PCB
10 seconds
Thermal Resistance − Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 2)
RTHJA
PD
ID
ID
IDM
50
2.5
20
8.7
7.0
43.5
°C/W
Watts
mW/°C
A
A
A
Minimum
FR−4 or G−10 PCB
10 seconds
Thermal Resistance − Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (Note 2)
RTHJA
PD
ID
ID
IDM
80
1.56
12.5
6.9
5.5
35
°C/W
Watts
mW/°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 4.5 Vdc, Peak IL = 19 Apk, L = 5.5 mH, RG = 25 W)
EAS
1000
mJ
1. Negative sign for P−Channel devices omitted for clarity.
2. Repetitive rating; pulse width limited by maximum junction temperature.


Podobny numer części - MMSF5P02HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF5P02HD MOTOROLA-MMSF5P02HD Datasheet
208Kb / 12P
   SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
More results

Podobny opis - MMSF5P02HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com