Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1019P Arkusz danych(PDF) 7 Page - AUK corp

Numer części SL1019P
Szczegółowy opis  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P Arkusz danych(HTML) 7 Page - AUK corp

Back Button SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp SL1019P Datasheet HTML 10Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
KSI-W020-000
7
Information in using IC (Continued)
13. Shown below is cross modulation characteristic.
A: Desired signal 83dBμ 400Hz 30%
mod. The strength of an undesired
signal (non mod) causes the desired
signal to be suppressed.
B: Desired signal 80dBμ non-mod.
The strength of an undesired signal
(40Hz 80% mod) causes interference
to occur.
SL1019P
+
8V
Pi n 2
Pi n 1
Pi n 6
V T
T1
T2
100K
22u F
0.022u F
75
100K
0.022u F
0.022u F
Ou t p u t
80
80
A
B
50
Te s t i n g Me t h o d
50
16
16
16
0.1u F
30 15p F
65p F
2-S i g n a l P a d
Du mmy A NT


Podobny numer części - SL1019P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
112Kb / 10P
   AM TUNER SYSTEM
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
More results

Podobny opis - SL1019P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com