Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-1U35 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części TC-1U35
Szczegółowy opis  OVER-VOLTAGE PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1U35 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-1U35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-1U35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1U35 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1U35 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1U35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 5 ,
Floppy x 1.
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
PURPLE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
ORANGE(PG)
BROWN(+5VSB)
WHITE(-5V)
BLUE(-12V)
YELLOW(+12V)
GRAY(PS-ON)
WIRE
COLOR
BLACK(GND)
560mm/18AWG
560mm/22AWG
560mm/18AWG
560mm/20AWG
560mm/18AWG
560mm/18AWG
LENGTH
LENGTH
COM
COM
BLACK
580mm ±15mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
Housing
P4
560mm/18AWG
560mm/18AWG
PURPLE(+3.3V)
PURPLE(+3.3V)
PURPLE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
PURPLE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
580mm ±15mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8
P8
P4
PIN13
PIN1
PIN12
PIN24
P24
L=580mm±15mm
L=580mm±15mm
L=560mm±15mm
03
TC-1U30.35 HARNESS
560mm/18AWG


Podobny numer części - TC-1U35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-1U40 ETC2-TC-1U40 Datasheet
254Kb / 5P
   DC output 400w maximum
More results

Podobny opis - TC-1U35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
   Over voltage protection
logo
FSP TECHNOLOGY INC.
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
   Over voltage protection
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
   Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
Megawin Technology Co.,...
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
   Over voltage protection
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com