Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-400R2UH Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części TC-400R2UH
Szczegółowy opis  1U Redundant Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2UH Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-400R2UH Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-400R2UH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HOT-SWAP
The power system provides a Hot-Swap function. This means
when either one of the redundant power supplies fails or reaks
down, you can easily replace failed unit without any
interference to the system.
BUZZER
A warning buzzer sounds when any one of the power supplies
fails. The warning buzzer is reset table from reset switch either
the one in front control panel or the one on the rear side.
LED’S
The warning LED’S can be found either on the rear side or the
control panel of the power system. Tells if one of the two
power supplies has failed, by LED blinking.
HOT-PLUGGABLE
The power system provides a Hot-Pluggable function
This method allows the power units in the Disk Array/
File Server to be removed or inserted very easily without
9. HOT-SWAP PROCEDURES
Please refer to the followings when either one power supply unit is fount defective.
A) Locate the defective power supply by examining the individual LED on the
power unit or the LED on the front control panel if LED is Blinking.
B) Unlock & Remove the defective power supply unit.
C) Replace a new GOOD power supply unit, Insert the power supply into the
power system chassis in position & it will auto Lock-up.
D) Turn on the new power supply unit.
E) Check the module LED which indicate the power and LED of total power
system status, Both LED shall Have steady life.
10. DIMENSION
TC-XXXR2UH
L 280 x W170 x H 42 mm


Podobny numer części - TC-400R2UH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
More results

Podobny opis - TC-400R2UH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
   920W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
   700W 1U Redundant Power Supply Specification
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
   1U 400W Server Redundant Power Supply
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-741P-1R ETC1-PWS-741P-1R Datasheet
372Kb / 1P
   740W 1U Redundant Power Supply Specification
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com