Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-600PF Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części TC-600PF
Szczegółowy opis  AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600PF Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  TC-600PF Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6. PROTECTION
6.1 OVER VOLTAGE PROTECTION: +3.3V Output
4.1Vdc max.
+5V Output
6.5Vdc max.
+12V Output
14.3Vdc max.
6.2 OVER CURRENT PROTECTION:
Not over 240VA for every output voltage.
6.3 SHORT CIRCUIT PROTECTION:
All output equipped with short circuit.
(Shut down o/p voltage, re-power on to
recover)
7. SAFETY & EMC
7.1 SAFETY STANDARDS:
MEET CUL UL 60950-1
MEET CB
IEC60950-1
7.2 WITHSTAND VOLTAGE:
I/P-O/P:1.5KVAC
I/P-FG:1.5KVAC
7.3 ISOLATION RESISTANCE:
I/P-O/P,I/P-FG,O/P-FG: 500VDC , 50M ohms min.
7.4 EMI CONDUCTION:
Compliance CISPR22 Class B, FCC Class B
7.5 HARMONIC CURRENT:
Compliance EN61000-3-2,-3
8. ENVIRONMENTS
8.1 Operating Temperature:
0
to +40
8.2 Storage Temperature :
-20
to +70
8.3 OPERATING HUMIDITY :
20% to 90%,non-condensing
8.4 STORAGE HUMIDITY:
5% to 95%, non-condensing
9. OTHERS
7.1 MTBF:
100K hrs min.
MIL-HDBK-217F ,Notice2, (25℃)


Podobny numer części - TC-600PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results

Podobny opis - TC-600PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
   Input voltage 100~240V AC
20220209-F
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
   Input voltage 100~240V AC
20170607-A
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
   Input voltage 100~240V AC
20211013-B
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
   Input voltage 100~240V AC
20231219-E
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
   Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
   Input voltage 100~240V AC
20200603-D
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
   Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
   Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
   Input voltage 100~240V AC
20230919-J
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com