Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-600PF Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TC-600PF
Szczegółowy opis  AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600PF Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-600PF Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10. DIMENSION
L 165 x W 150 x H 86 mm
TC-xxxPF
Sure Star
11. PINOUTS OF CONNECTORS
Main power connector 24 Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1
Peripheral power connector x 8 ,
Floppy Drive connector x 1,
Serial ATA power connector x 2.


Podobny numer części - TC-600PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results

Podobny opis - TC-600PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
   Input voltage 100~240V AC
20220209-F
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
   Input voltage 100~240V AC
20170607-A
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
   Input voltage 100~240V AC
20211013-B
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
   Input voltage 100~240V AC
20231219-E
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
   Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
   Input voltage 100~240V AC
20200603-D
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
   Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
   Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
   Input voltage 100~240V AC
20230919-J
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com