Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM308AN Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części LM308AN
Szczegółowy opis  Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM308AN Arkusz danych(HTML) 5 Page - ON Semiconductor

  LM308AN Datasheet HTML 1Page - ON Semiconductor LM308AN Datasheet HTML 2Page - ON Semiconductor LM308AN Datasheet HTML 3Page - ON Semiconductor LM308AN Datasheet HTML 4Page - ON Semiconductor LM308AN Datasheet HTML 5Page - ON Semiconductor LM308AN Datasheet HTML 6Page - ON Semiconductor LM308AN Datasheet HTML 7Page - ON Semiconductor LM308AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM308A
http://onsemi.com
5
Representative Circuit Schematic
VCC
Output
Compensation A
Compensation B
200
65
150
VEE
1.0k
1.4k
7.5k
5.6k
3.5k
7.0k
1.0k
VCC
VEE
20k
362
1.2k
50k
80k
10k
2.0k
17.4k
15pF
Inputs
)
2.0k
7.5k
1.0k
17.4k


Podobny numer części - LM308AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM308AN NSC-LM308AN Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Motorola, Inc
LM308AN MOTOROLA-LM308AN Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
logo
Linear Technology
LM308AN8 LINER-LM308AN8 Datasheet
451Kb / 8P
   Operational Amplifiers?
More results

Podobny opis - LM308AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com