Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74172B Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC74172B
Szczegółowy opis  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74172B Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC74172B Datasheet HTML 1Page - ON Semiconductor MC74172B Datasheet HTML 2Page - ON Semiconductor MC74172B Datasheet HTML 3Page - ON Semiconductor MC74172B Datasheet HTML 4Page - ON Semiconductor MC74172B Datasheet HTML 5Page - ON Semiconductor MC74172B Datasheet HTML 6Page - ON Semiconductor MC74172B Datasheet HTML 7Page - ON Semiconductor MC74172B Datasheet HTML 8Page - ON Semiconductor MC74172B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
2
PIN CONNECTIONS
MC75172B
MC75174B
9
1
3A
3Y
3Z
En
12
4Z
4Y
4A
VCC
Gnd
2A
2Y
2Z
En
12
1Z
1A
1Y
P Package
2
3
4
5
6
7
8
16
15
14
13
12
11
DW Package
2A
8
7
6
5
4
4A
VCC
19
18
En
2Z
NC
10
11
9
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
P Package
1
3
En
17
4Y
Gnd
2Y
12
3A
14 3Z
4Z
15
16
1A
1Y 2
1Z
NC
NC
NC
3Y
13
20
1Y
1A
1Z
En
2Z
2Y
2A
Gnd
VCC
En
34
En
34
20
13
3Y
NC
NC
NC
1Z
2
1Y
1A
16
15
4Z
3Z
14
12
2Y
Gnd
4Y
17
9
2A
8
7
6
5
4
4A
VCC
19
18
DW Package
2Z
NC
10
11
4A
4Y
4Z
En
3Z
3Y
3A
1
3
1
10
3A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
−0.5, +7.0
Vdc
Input Voltage (Data, Enable)
Vin
+7.0
Vdc
Input Current (Data, Enable)
Iin
−24
mA
Applied Output Voltage, when in 3−State Condition (VCC = 5.0 V)
Vza
−10, +14
Vdc
Applied Output Voltage, when VCC = 0 V
Vzb
±14
Output Current
IO
Self−Limiting
Storage Temperature
Tstg
−65, +150
°C
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
+4.75
+5.0
+5.25
Vdc
Input Voltage (All Inputs)
Vin
0
VCC
Vdc
Output Voltage in 3−State Condition, or when VCC = 0 V
Vcm
−7.0
+12
Vdc
Output Current (Normal data transmission)
IO
−65
+65
mA
Operating Ambient Temperature (see text)
EIA−485
EIA−422
TA
−40
0
+85
+85
°C
All limits are not necessarily functional concurrently.


Podobny numer części - MC74172B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC7410HX400NE NXP-MC7410HX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410HX450NE NXP-MC7410HX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX400NE NXP-MC7410RX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX450NE NXP-MC7410RX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX500NE NXP-MC7410RX500NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Podobny opis - MC74172B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com