Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB10015M-TL-E Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części SB10015M-TL-E
Szczegółowy opis  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB10015M-TL-E Arkusz danych(HTML) 2 Page - ON Semiconductor

  SB10015M-TL-E Datasheet HTML 1Page - ON Semiconductor SB10015M-TL-E Datasheet HTML 2Page - ON Semiconductor SB10015M-TL-E Datasheet HTML 3Page - ON Semiconductor SB10015M-TL-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB10015M
No. A0444-2/4
Electrical Characteristics atTa=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=0.1mA
15
V
Forward Voltage
VF1
IF=0.5A
0.43
0.48
V
VF2
IF=1.0A
0.49
0.54
V
Reverse Current
IR
VR=7.5V
3
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
20
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
When mounted in Cu-foiled area of
0.72mm2
×0.03mm on glass epoxy substrate
185
°C / W
trr Test Circuit
Ordering Information
Device
Package
Shipping
memo
SB10015M-TL-E
MCPH3
3,000pcs./reel
Pb-Free
SB10015M-TL-W
MCPH3
3,000pcs./reel
Pb-Free and Halogen Free
Duty10%
50Ω
100Ω
10Ω
--5V
trr
10ms
00.2
0.3
0.10.4
0.50.7
0.6
2
5
7
3
2
0.01
2
5
7
3
0.1
0.001
IT11204
IT11205
0
0.0001
0.01
0.001
0.1
1.0
10
10000
100
1000
2468
10
12
16
14
Ta=150°C
100°C
125°C
75°C
50°C
25°C
0°C
--25°C
(2) (4) (3)
(1)
0
0
0.2
0.6
0.7
0.5
0.1
0.4
0.3
0.2
0.40.6
0.81.0
1.2
IT11206
(4)
(3)
(1)
08
16
10
12
14
6
4
2
(2)
IT11207
4.0E--0.6
0.0E+00
2.0E--0.6
6.0E--0.6
8.0E--0.6
1.0E--0.5
1.2E--0.5
2
5
7
3
3
1.0
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
(1)Rectangular wave θ=60°
(2)Rectangular wave θ=120°
(3)Rectangular wave θ=180°
(4)Sine wave θ=180°
Average Output Current, IO -- A
PF(AV) -- IO
θ
360°
Rectangular
wave
180°
360°
Sine wave
PR(AV) -- VRM
Peak Reverse Voltage, VRM -- V
(1)Rectangular wave θ=300°
(2)Rectangular wave θ=240°
(3)Rectangular wave θ=180°
(4)Sine wave θ=180°
180°
360°
VR
Sine wave
θ
360°
VR
Rectangular
wave
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Podobny numer części - SB10015M-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB10015M-TL-E SANYO-SB10015M-TL-E Datasheet
475Kb / 6P
   15V, 1.0A Rectifi er
More results

Podobny opis - SB10015M-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com