Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5779MP Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LA5779MP
Szczegółowy opis  Separately-excited Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5779MP Arkusz danych(HTML) 1 Page - ON Semiconductor

  LA5779MP Datasheet HTML 1Page - ON Semiconductor LA5779MP Datasheet HTML 2Page - ON Semiconductor LA5779MP Datasheet HTML 3Page - ON Semiconductor LA5779MP Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N1306 MS PC 20060411-S00008 No.A0498-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
LA5779MP
Overview
The LA5779MP is a Separately-excited step-down switching regulator (variable type).
Functions
• High efficiency.
• Six external parts.
• Time-base generator (160kHz) incorporated.
• Current limiter incorporated.
• Thermal shutdown circuit incorporated.
• ON/OFF function.
Specifications
Absolute
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Input voltage
VIN max
30
V
Maximum Output current
IO max
3
A
SW pin application reverse voltage
VSW
-1
V
Allowable power dissipation
Pd max
Mounted on a substrate.*
3.9
W
Operating temperature
Topr
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified substrate : 76.1×114.3×1.6mm
3 : Copper foil ratio 60
% FR4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 28
V
Monolithic Linear IC
Separately-excited Step-down
Switching Regulator
(Variable Type)
Ordering number : ENA0498
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - LA5779MP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results

Podobny opis - LA5779MP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com