Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM321SN3T1G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LM321SN3T1G
Szczegółowy opis  Single Channel Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321SN3T1G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LM321SN3T1G Datasheet HTML 2Page - ON Semiconductor LM321SN3T1G Datasheet HTML 3Page - ON Semiconductor LM321SN3T1G Datasheet HTML 4Page - ON Semiconductor LM321SN3T1G Datasheet HTML 5Page - ON Semiconductor LM321SN3T1G Datasheet HTML 6Page - ON Semiconductor LM321SN3T1G Datasheet HTML 7Page - ON Semiconductor LM321SN3T1G Datasheet HTML 8Page - ON Semiconductor LM321SN3T1G Datasheet HTML 9Page - ON Semiconductor LM321SN3T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM321
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 13. High Level Output Voltage Swing vs.
Output Current at 3 V Supply
Figure 14. Low Level Output Voltage Swing vs.
Output Current at 3 V Supply
Figure 15. High Level Output Voltage Swing vs.
Output Current at 5 V Supply
Figure 16. Low Level Output Voltage Swing vs.
Output Current at 5 V Supply
Figure 17. High Level Output Voltage Swing vs.
Output Current at 32 V Supply
Figure 18. Low Level Output Voltage Swing vs.
Output Current at 5 V Supply32
Output Source Current (mA)
0
0
5
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 3 V
Output Sink Current (mA)
0
0
5
10
15
20
200
400
600
800
1000
1200
T= −40
°C
T= 25
°C
T= 85
°C
VS = 3 V
1400
Output Source Current (mA)
0
0
5
10
30
15
25
20
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 5 V
3.5
4.0
4.5
5.0
Output Sink Current (mA)
0
0
5
10
15
20
200
400
600
800
1000
1200
T= −40
°C
T= 25
°C
T= 85
°C
VS = 5 V
1400
1600
1800
Output Source Current (mA)
0
0
5
10
30
15
25
20
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 32 V
3.5
4.0
4.5
5.0
Output Sink Current (mA)
0
03
9
30
15
21
18
1
2
3
4
5
6
T= −40
°C
T= 25
°C
T= 85
°C
VS = 32 V
7
8
612
24
27


Podobny numer części - LM321SN3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results

Podobny opis - LM321SN3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com