Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11988HR Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części LB11988HR
Szczegółowy opis  Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11988HR Arkusz danych(HTML) 6 Page - ON Semiconductor

  LB11988HR Datasheet HTML 1Page - ON Semiconductor LB11988HR Datasheet HTML 2Page - ON Semiconductor LB11988HR Datasheet HTML 3Page - ON Semiconductor LB11988HR Datasheet HTML 4Page - ON Semiconductor LB11988HR Datasheet HTML 5Page - ON Semiconductor LB11988HR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LB11988HR
PS No.A0300-6/6
Pin Functions
Pin No.
Pin name
Function
7
FRAME
GND
Ground for circuits other than the output transistors.
Note that the Rf pin will be at the lowest potential of the output transistors.
4
FGOUT
This is the FG amplifier output pin. Internally, it is a resistive load. (Pull up)
6
FR
Forward/reverse switching pin
9
FC
Corrects the frequency characteristics of the saturation prevention circuit loop and current limiter circuit.
12, 13
14, 17
18, 19
UIN+, UIN-
VIN+, VIN-
WIN+, WIN-
U-phase Hall input. Logic high refers to the state where IN+
> IN-.
V-phase Hall input. Logic high refers to the state where IN+
> IN-.
W-phase Hall input. Logic high refers to the state where IN+
> IN-.
21
VCC
Power supply provided to all IC internal circuits other than the output block.
This voltage must be stabilized so that ripple and noise do not enter the IC.
22
VS
Output block power supply
23
RF
Used for output current detection. The current limiter circuit operates using the resistor (Rf) connected between this
pin and ground.
Note that the lower side saturation prevention circuit operates according to the voltage that appears on this pin.
Since the over-saturation level is set by this voltage, the level of the lower side saturation prevention circuit may be
degraded in the large current region if the value of Rf is made extremely small.
27
28
1
UOUT
VOUT
WOUT
U-phase Hall output.
V-phase Hall output.
(These pins include internal spark killer diodes.)
W-phase Hall output.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Podobny numer części - LB11988HR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988HR SANYO-LB11988HR Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results

Podobny opis - LB11988HR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
   Fan Motor Driver
January, 2014
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com