Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11899J Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LB11899J
Szczegółowy opis  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J Arkusz danych(HTML) 2 Page - ON Semiconductor

  LB11899J Datasheet HTML 1Page - ON Semiconductor LB11899J Datasheet HTML 2Page - ON Semiconductor LB11899J Datasheet HTML 3Page - ON Semiconductor LB11899J Datasheet HTML 4Page - ON Semiconductor LB11899J Datasheet HTML 5Page - ON Semiconductor LB11899J Datasheet HTML 6Page - ON Semiconductor LB11899J Datasheet HTML 7Page - ON Semiconductor LB11899J Datasheet HTML 8Page - ON Semiconductor LB11899J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LB11899J
No.A2229-2/16
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable internal power
dissipation
Pd max1
IC alone
0.6
W
Pd max2
Specified board
1.8
W
Pin voltage range 1
VPIN max1
CRSS, CRSP, CUOUT, CVOUT, CWOUT
CMGND-VF to CVCC+VF
V
Pin voltage range 2
VPIN max2
DRS, DCOM, DUOUT, DVOUT, DWOUT
DMGND-VF to DVCC+VF
V
Pin voltage range 3
VPIN max3
LOUT1, LOUT2
LGND-VF to LVCC+VF
V
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-55 to +150
°C
Allowable Operating Range
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power source voltage 1
VCC
4 to 6
V
Power source voltage 2
CVCO
8 to 28
V
Power source voltage 3
DVCO
8 to 16
V
Power source voltage 4
LVCO
8 to 16
V
Electric potential difference between
MGND and SGND
ΔGND
(MGND)-(SGND)
-0.3 to +0.4
V
Electrical Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Common Unit
at Ta = 25
°C, VCC = 5V, CVCO = DVCO = LVCO = 12V
Power source current 1
ICC
17
25
mA
Power source current 2
ICVCO
0.15
2
mA
Power source current 3
IDVCO
0.53
2
mA
Power source current 4
ILVCO
1
2
mA
Power source current 5
IVCCQ
VCC = 0V, ICVCO+IDVCO+ILVCO
100
200
μA
Thermal shutdown temperature
TSD
*Design Target Value
140
160
180
°C
Thermal shutdown hysteresis
ΔTSD
*Design Target Value
15
°C
Capstan Motor Unit
at Ta = 25
°C, VCC = 5V, CVCO = 12V
Output saturation voltage 1
CVSAT
IO = 0.8A, Source+Sink
2.4
3.5
V
Hall signal input level
VHALL
100
mVp-p
Hall in-phase input voltage
VCM
1.0
VCC-1.
7
V
CILM pin input voltage range
VCLIM
0
VCC
V
CILM pin input current
ICLIM
CILIM = 3V
0.5
2.0
μA
CILIM control start voltage
VCLIMST
CRSS = 0.5
Ω, VCRSP ≥ 10mV
2.44
2.515
2.590
V
CILIM gain
GCLIM
CCTL = 5V, CRSS = 0.5
Ω
0.49
0.53
0.57
V/V
CILIM pin short brake release voltage
BROFF1
1.1
1.4
V
CCTL input voltage range
VCCTL
0
VCC
V
CCTL input current
ICCTL
CCTL = 3V
0.5
2.0
μA
CCTL control start voltage
OCCTL
CRSS = 0.5
Ω, VCRSP ≥ 10mV
2.44
2.515
2.590
V
CCTL gain
GCCTL
CILIM=5V, CRSS = 0.5
Ω
0.49
0.53
0.57
V/V
CCTL pin short brake release voltage
BROFF1
1.1
1.4
V
CCTL pin short brake flow current
IBROFF1
0.1
0.3
μA
F/R forward voltage
VFW
1.5
VCC
V
* Note: Thermal design must be set for a junction temperature of 140
°C.
* It is a design target value and measurement is not carried out.
Continued on next page.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - LB11899J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Podobny opis - LB11899J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com