Zakładka z wyszukiwarką danych komponentów |
|
LB11867RV-TLM-E Arkusz danych(PDF) 8 Page - ON Semiconductor |
|
LB11867RV-TLM-E Arkusz danych(HTML) 8 Page - ON Semiconductor |
8 / 11 page LB11867RV www.onsemi.com 8 *6. RMI pin Minimum speed setting pin. Perform pull-up with 5VREG when this pin is not to be used. If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be sure to insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH pin.) *7. VTH pin Speed control pin. Connect this pin to GND when it is not used (at full speed). For the control method, refer to the timing chart. For control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20k to 100kHz (20kHz to 50kHz recommended). *8. SENSE pin Current limiting detection pin. When the pin voltage exceeds 0.2V, the current is limited and the operation enters the lower regeneration mode. Connect this pin to GND when it is not to be used. *9. RD pin Lock detection pin In open collector output, L upon rotation and H when locked (using pull-up resistance). Keep this pin open when it is not to be used. *10. CT pin Pin to connect the lock detection capacitor. The constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes 3.0V and unlocking when it is 1.1V. Connect the pin to GND when it is not to be used (locking not necessary). *11. S-S pin Pin to connect the soft-start setting capacitor. Connect the capacitor between 5VREG and S-S pin. This pin enables setting of the soft start time according to the capacity of the capacitor. See the timing char. Connect the pin to GND when it is not to be used. |
Podobny numer części - LB11867RV-TLM-E |
|
Podobny opis - LB11867RV-TLM-E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |