Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM13700 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM13700
Szczegółowy opis  Dual Operational Transconductance Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM13700 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM13700_16 Datasheet HTML 7Page - Texas Instruments LM13700_16 Datasheet HTML 8Page - Texas Instruments LM13700_16 Datasheet HTML 9Page - Texas Instruments LM13700_16 Datasheet HTML 10Page - Texas Instruments LM13700_16 Datasheet HTML 11Page - Texas Instruments LM13700_16 Datasheet HTML 12Page - Texas Instruments LM13700_16 Datasheet HTML 13Page - Texas Instruments LM13700_16 Datasheet HTML 14Page - Texas Instruments LM13700_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LM13700
www.ti.com
SNOSBW2F – NOVEMBER 1999 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
An OTA is a versatile building block analog component that can be considered an ideal transistor. The LM13700
can be used in a wide variety of applications, from voltage-controlled amplifiers and filters to VCOs. The 2 well-
matched, independent channels make the LDC13700 well suited for stereo audio applications.
8.2 Typical Application
Figure 17. Voltage Controlled Amplifier
8.2.1 Design Requirements
For this example application, the system requirements provide a volume control for a 1 VP input signal with a
THD < 0.1% using ±15 V supplies. The volume control varies between -13 V and 15 V and needs to provide an
adjustable gain range of >30dB.
8.2.2 Detailed Design Procedure
Using the linearizing diodes is recommended for most applications, as they greatly reduce the output distortion. It
is required that the diode bias current, ID be greater than twice the input current, IS. As the input voltage has a
DC level of 0 V, the Diode Bias input pins are 1 diode drop above 0 V, which is +0.7 V. Tying the bias to the
clean V+ supply, results in a voltage drop of 14.3 V across RD. Using the recommended 1mA for ID is appropriate
here, and with VS=+15 V, the voltage drop is 14.3 V, and so using the standard value of 13-k
Ω is acceptable and
will provide the desired gain control.
To obtain the <0.1% THD requirement, the differential input voltage must be <60mVpp when the linearizing
diodes are used. The input divider on the input will reduce the 1 VP input to 33mVPP, which is within the desired
spec.
Next, set IBIAS. The Bias Input pins (pins 1 or 16), are 2 diode drops above the negative supply, and therefore
VBIAS = 2(VBE) + V- , which for this application is -13.6 V. To set IBIAS to 1ma when VC = 15 V requires a 28.6-kΩ;
30-k
Ω is a standard value and is used for this application. The gain will be linear with the applied voltage.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM13700


Podobny numer części - LM13700_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM13700AN NSC-LM13700AN Datasheet
633Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
LM13700M NSC-LM13700M Datasheet
633Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
Texas Instruments
LM13700M TI1-LM13700M Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
LM13700M/NOPB TI1-LM13700M/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
LM13700MX TI1-LM13700MX Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
More results

Podobny opis - LM13700_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
National Semiconductor ...
LM13600 NSC-LM13600 Datasheet
634Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
National Semiconductor ...
LM13700 NSC-LM13700 Datasheet
633Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
Texas Instruments
LM13700MX TI1-LM13700MX Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com