Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD484M1644VTA-7L Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części AD484M1644VTA-7L
Szczegółowy opis  Ascend Semiconductor Corporation(64Mb SDRAM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AD484M1644VTA-7L Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  AD484M1644VTA-7L Datasheet HTML 1Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 2Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 3Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 4Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 5Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 6Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 7Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 8Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
3
64Mb SDRAM
Ascend Semiconductor Corporation
Features
Fully synchronous to positive clock edge
• Single 3.3V +/- 0.3V power supply
• LVTTL compatible with multiplexed address
• Industrial temperature available
• Programmable Burst Length ( BL ) - 1,2,4,8 or full page
• Programmable CAS Latency ( CL ) -1, 2 or 3
• Data Mask ( DQM ) for Read/Write masking
• Programmable wrap sequential - Sequential ( BL = 1/2/4/8/full page )
- Interleave ( BL = 1/2/4/8 )
• Burst read with single-bit write operation
• All inputs are sampled at the positive rising edge of the system clock.
• Auto refresh and self refresh
• 4,096 refresh cycles / 64ms
Ordering Information
Description
The AD484M1644VTA is Synchronous Dynamic Random Access Memory ( SDRAM )
organized as 1,048,756 words x 4 banks x 16 bits. All inputs and outputs are synchronized
with the positive edge of the clock . The 64Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer rates and is designed to operate in 3.3V
low power memory system. It also provides auto refresh with power saving / down mode.
All inputs and outputs voltage levels are compatible with LVTTL .
64Mb( 4Banks ) Synchronous DRAM
AD484M1644VTA ( 4Mx16 )
* Ascend Semiconductor reserves the right to change products or specification without notice.
CL1
Note
Low power
Low power
Low power
Standard
Standard
Standard
Standard
Power
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Commercial Range : 0℃ ~ 70℃
Operation Range
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
Package
100MHz
125MHz
143MHz
66MHz
143MHz
167MHz
183MHz
Max
Freg.
AD484M1644VTA-10L
AD484M1644VTA-8L
AD484M1644VTA-7L
AD484M1644VTA-15
AD484M1644VTA-7
AD484M1644VTA-6
AD484M1644VTA-55
Part number


Podobny numer części - AD484M1644VTA-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ AD-AD4858BBCZ Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ-RL-13 AD-AD4858BBCZ-RL-13 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results

Podobny opis - AD484M1644VTA-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com