Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ABT652W-QML Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ABT652W-QML
Szczegółowy opis  Octal Transceivers and Registers with TRI-STATE Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT652W-QML Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ABT652W-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 9Page - National Semiconductor (TI) 54ABT652W-QML Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Absolute Maximum Ratings (Note 2)
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable or
or Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Note 2: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
ABT652
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA (Non I/O Pins)
V
OH
Output HIGH
54ABT
2.5
V
Min
I
OH = −3 mA, (An,Bn)
Voltage
54ABT
2.0
I
OH = −24 mA, (An,Bn)
V
OL
Output LOW
54ABT
0.55
V
Min
I
OL = 48 mA, (An,Bn)
Voltage
I
IH
Input HIGH Current
2
µA
Max
V
IN = 2.7V (Non-I/O Pins) (Note 4)
V
IN = VCC (Non-I/O Pins)
I
BVI
Input HIGH Current
7
µA
Max
V
IN = 7.0V (Non-I/O Pins)
Breakdown Test
I
BVIT
Input HIGH Current
100
µA
Max
V
IN = 5.5V (An,Bn)
Breakdown Test (I/O)
I
IL
Input LOW Current
−2
µA
Max
V
IN = 0.5V (Non-I/O Pins) (Note 4)
V
IN = 0.0V (Non-I/O Pins)
I
IH +IOZH
Output Leakage Current
50
µA
0V–5.5V
V
OUT = 2.7V (An,Bn);
OEBA = 2.0V and OEAB = GND = 2.0V
I
IL +IOZL
Output Leakage Current
−50
µA
0V–5.5V
V
OUT = 0.5V (An,Bn);
OEBA = 2.0V and OEAB = GND = 2.0V
I
OS
Output Short-Circuit Current
−50
−180
mA
Max
V
OUT = 0V (An,Bn)
I
CEX
Output HIGH Leakage Current
50
µA
Max
V
OUT = VCC (An,Bn)
I
CCH
Power Supply Current
250
µA
Max
All Outputs HIGH
I
CCL
Power Supply Current
30
mA
Max
All Outputs LOW
I
CCZ
Power Supply Current
250
µA
Max
Outputs TRI-STATE;
All others at V
CC or GND
I
CCT
Additional I
CC/Input
2.5
mA
Max
V
I = VCC − 2.1V
All others at V
CC or GND
Note 4: Guaranteed but not tested.
Note 5: For 8 outputs toggling, ICCD < 1.4 mA/MHz.
Note 6: Guaranteed, but not tested.
www.national.com
6


Podobny numer części - 54ABT652W-QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646D NSC-54ABT646D Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646F NSC-54ABT646F Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
More results

Podobny opis - 54ABT652W-QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT646 NSC-54ABT646 Datasheet
319Kb / 14P
   Octal Transceivers and Registers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
   16-Bit Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com