Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL084CNSRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TL084CNSRG4
Szczegółowy opis  JFET-Input Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL084CNSRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL084CNSRG4 Datasheet HTML 3Page - Texas Instruments TL084CNSRG4 Datasheet HTML 4Page - Texas Instruments TL084CNSRG4 Datasheet HTML 5Page - Texas Instruments TL084CNSRG4 Datasheet HTML 6Page - Texas Instruments TL084CNSRG4 Datasheet HTML 7Page - Texas Instruments TL084CNSRG4 Datasheet HTML 8Page - Texas Instruments TL084CNSRG4 Datasheet HTML 9Page - Texas Instruments TL084CNSRG4 Datasheet HTML 10Page - Texas Instruments TL084CNSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
www.ti.com
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
Electrical Characteristics for TL08xC, TL08xxC, and TL08xI (continued)
VCC± = ±15 V (unless otherwise noted)
TL081C, TL082C,
TL081AC, TL082AC,
TL081BC, TL082BC,
TL081I, TL082I,
TEST
TL084C
TL084AC
TL084BC
TL084I
PARAMETER
TA
(1)
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Supply
current
VO = 0,
ICC
25°C
1.4
2.8
1.4
2.8
1.4
2.8
1.4
2.8
mA
(each
No load
amplifier)
Crosstalk
VO1/VO2
AVD = 100
25°C
120
120
120
120
dB
attenuation
6.6 Electrical Characteristics for TL08xM and TL084x
VCC± = ±15 V (unless otherwise noted)
TL081M, TL082M
TL084Q, TL084M
PARAMETER
TEST CONDITIONS(1)
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
3
6
3
9
VIO
Input offset voltage
VO = 0, RS = 50 Ω
mV
Full range
9
15
Temperature
αVIO
coefficient of input
VO = 0, RS = 50 Ω
Full range
18
18
μV/°C
offset voltage
25°C
5
100
5
100
pA
IIO
Input offset current(2)
VO = 0
125°C
20
20
nA
25°C
30
200
30
200
pA
IIB
Input bias current(2)
VO = 0
125°C
50
50
nA
–12
–12
Common-mode
VICR
25°C
±11
to
±11
to
V
input voltage range
15
15
RL = 10 kΩ
25°C
±12
±13.5
±12
±13.5
Maximum peak
VOM
RL ≥ 10 kΩ
±12
±12
V
output voltage swing
Full range
RL ≥ 2 kΩ
±10
±12
±10
±12
25°C
25
200
25
200
Large-signal differential
AVD
VO = ±10 V, RL ≥ 2 kΩ
V/mV
voltage amplification
Full range
15
15
B1
Unity-gain bandwidth
25°C
3
3
MHz
ri
Input resistance
25°C
1012
1012
Common-mode
VIC = VICRmin,
CMRR
25°C
80
86
80
86
dB
rejection ratio
VO = 0, RS = 50 Ω
Supply-voltage
VCC = ±15 V to ±9 V,
kSVR
rejection ratio
25°C
80
86
80
86
dB
VO = 0, RS = 50 Ω
(
ΔVCC±/ΔVIO)
Supply current
ICC
VO = 0, No load
25°C
1.4
2.8
1.4
2.8
mA
(each amplifier)
VO1/VO2
Crosstalk attenuation
AVD = 100
25°C
120
120
dB
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown
in Figure 13. Pulse techniques must be used that maintain the junction temperatures as close to the ambient temperature as possible.
6.7 Operating Characteristics
VCC± = ±15 V, TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 10 V, RL = 2 kΩ, CL = 100 pF,
8(1)
13
See Figure 19
SR
Slew rate at unity gain
V/
μs
VI = 10 V, RL = 2 kΩ, CL = 100 pF,
TA = − 55°C to 125°C,
5(1)
See Figure 19
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1977–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B


Podobny numer części - TL084CNSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL084CNSRG4 TI-TL084CNSRG4 Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CNSRG4 TI-TL084CNSRG4 Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CNSRG4 TI-TL084CNSRG4 Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL084CNSRG4 TI-TL084CNSRG4 Datasheet
949Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CNSRG4 TI-TL084CNSRG4 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL084CNSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com