Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ABT646F Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ABT646F
Szczegółowy opis  Octal Transceivers and Registers with TRI-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT646F Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button 54ABT646F Datasheet HTML 6Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 7Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 8Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 9Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 10Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 11Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 12Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 13Page - National Semiconductor (TI) 54ABT646F Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Capacitance (Continued)
I
CC vs Frequency, Average,
T
A = 25˚C, VCC = 5.5V
All Outputs Unloaded/Unterminated;
All Outputs Switching in phase @50% Duty Cycle
DS100209-35
t
SET LOW vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Bus to Clock
DS100209-36
t
SET HIGH vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Bus to Clock
DS100209-37
t
HOLD LOW vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Bus to Clock
DS100209-38
t
HOLD HIGH vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Bus to Clock
DS100209-39
Dashed lines represent design characteristics; for specified guarantees, refer to AC Characteristics Tables.
www.national.com
10


Podobny numer części - 54ABT646F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT646E-QML NSC-54ABT646E-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646J-QML NSC-54ABT646J-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT646W-QML NSC-54ABT646W-QML Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 54ABT646F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT652 NSC-54ABT652 Datasheet
361Kb / 17P
   Octal Transceivers and Registers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ABT16646 NSC-54ABT16646 Datasheet
157Kb / 8P
   16-Bit Transceivers and Registers with TRI-STATE Outputs
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com