Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1033-020 Arkusz danych(PDF) 3 Page - Emcore Corporation

Numer części G1033-020
Szczegółowy opis  1310 nm GPON DFB Laser Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMCORE [Emcore Corporation]
Strona internetowa  http://www.emcore.com
Logo EMCORE - Emcore Corporation

G1033-020 Arkusz danych(HTML) 3 Page - Emcore Corporation

  G1033-020 Datasheet HTML 1Page - Emcore Corporation G1033-020 Datasheet HTML 2Page - Emcore Corporation G1033-020 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATASHEET | SEPTEMBER 2015
FIBER OPTICS
| REV 2015.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
Part Number: G1033-020
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class
1M laser product. This device has been classified with the FDA/CDRH under accession number 0220309.
All Versions of this laser are Class 1M laser product, tested according to IEC 60825-1:2007/EN 60825-1:2007
Single-mode fiber pigtail with SC/APC connectors (standard).
Wavelength = 1.5
μm.
Maximum power = 30 mW.
Because of size constraints, laser safety labeling (including an FDA class 1M label) is not affixed to the module, but
attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in
hazardous laser radiation exposure.
G1033-020 1310 nm GPON DFB Laser Chip


Podobny numer części - G1033-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Emcore Corporation
G1033-024 EMCORE-G1033-024 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results

Podobny opis - G1033-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Emcore Corporation
G1033-024 EMCORE-G1033-024 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
G1033-032 EMCORE-G1033-032 Datasheet
410Kb / 3P
   1490 nm GPON Laser Diode Chip
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com