Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC1D806G7 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części LC1D806G7
Szczegółowy opis  80 A - 120 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D806G7 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1D806G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D806G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Price*: 363.00 USD
Main
Commercial Status
Commercialised
Range of product
TeSys D
Product or component
type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-1
AC-3
Poles description
3P
Pole contact
composition
3 NO
[Ue] rated operational
voltage
<= 300 V DC 25...400 Hz for power circuit
<= 690 V AC for power circuit
[Ie] rated operational
current
125 A (<= 140 °F (60 °C)) at <= 440 V AC AC-1 for
power circuit
80 A (<= 140 °F (60 °C)) at <= 440 V AC AC-3 for power
circuit
Motor power kW
45 kW at 1000 V AC 50/60 Hz
45 kW at 660...690 V AC 50/60 Hz
55 kW at 500 V AC 50/60 Hz
45 kW at 415...440 V AC 50/60 Hz
37 kW at 380...400 V AC 50/60 Hz
22 kW at 220...230 V AC 50/60 Hz
Motor power hp
60 hp at 575/600 V AC 50/60 Hz for 3 phases motors
60 hp at 460/480 V AC 50/60 Hz for 3 phases motors
25 hp at 230/240 V AC 50/60 Hz for 3 phases motors
15 hp at 230/240 V AC 50/60 Hz for 1 phase motors
7.5 hp at 115 V AC 50/60 Hz for 1 phase motors
20 hp at 200/208 V AC 50/60 Hz for 3 phases motors
Control circuit type
AC 50/60 Hz
Control circuit voltage
120 V AC 50/60 Hz
Auxiliary contact
composition
1 NO + 1 NC
[Uimp] rated impulse
withstand voltage
8 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free
air thermal current
125 A at <= 140 °F (60 °C) for power circuit
10 A at <= 140 °F (60 °C) for signalling circuit
Irms rated making
capacity
1100 A at 440 V for power circuit conforming to IEC
60947
250 A DC for signalling circuit conforming to IEC
60947-5-1
140 A AC for signalling circuit conforming to IEC
60947-5-1
Rated breaking
capacity
1100 A at 440 V for power circuit conforming to IEC
60947
[Icw] rated short-time
withstand current
320 A <= 104 °F (40 °C) 1 min power circuit
135 A <= 104 °F (40 °C) 10 min power circuit
990 A <= 104 °F (40 °C) 1 s power circuit
640 A <= 104 °F (40 °C) 10 s power circuit
140 A 100 ms signalling circuit
120 A 500 ms signalling circuit
100 A 1 s signalling circuit
Associated fuse rating
160 A gG at <= 690 V coordination type 2 for power
circuit
200 A gG at <= 690 V coordination type 1 for power
circuit
10 A gG for signalling circuit conforming to IEC
60947-5-1
Average impedance
0.80 mOhm at 50 Hz - Ith 125 A for power circuit


Podobny numer części - LC1D806G7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
LC1D800046G6 SCHNEIDER-LC1D800046G6 Datasheet
153Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 120 V AC 60 Hz coil
LC1D80004B6 SCHNEIDER-LC1D80004B6 Datasheet
153Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 24 V AC 60 Hz coil
LC1D80004B7 SCHNEIDER-LC1D80004B7 Datasheet
159Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 24 V AC 50/60 Hz coil
LC1D80004E7 SCHNEIDER-LC1D80004E7 Datasheet
160Kb / 4P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 48 V AC 50/60 Hz coil
LC1D80004F7 SCHNEIDER-LC1D80004F7 Datasheet
160Kb / 4P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 110 V AC 50/60 Hz coil
More results

Podobny opis - LC1D806G7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LC1F265G7 ETC2-LC1F265G7 Datasheet
76Kb / 4P
   265 A - coil 120 V AC
LC1F330G7 ETC2-LC1F330G7 Datasheet
75Kb / 4P
   330 A - coil 120 V AC
logo
Schneider Electric
LC1D65008G6 SCHNEIDER-LC1D65008G6 Datasheet
161Kb / 3P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 - <= 440 V 80 A - 120 V AC 60 Hz coil
LC1D65008G7 SCHNEIDER-LC1D65008G7 Datasheet
161Kb / 3P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 <= 440 V 80 A 120 V AC 50/60 Hz coil
LC1D093G7 SCHNEIDER-LC1D093G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 120 V AC coil
LC1F500G7 SCHNEIDER-LC1F500G7 Datasheet
151Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 500 A - coil 120 V AC
LC1F2254G7 SCHNEIDER-LC1F2254G7 Datasheet
148Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 315 A - coil 120 V AC
LC1D126G7 SCHNEIDER-LC1D126G7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 120 V AC coil
LC1D326G7 SCHNEIDER-LC1D326G7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 120 V AC coil
LC1D323G7 SCHNEIDER-LC1D323G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 120 V AC coil
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com