Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM311D Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM311D
Szczegółowy opis  Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM311D Arkusz danych(HTML) 1 Page - Texas Instruments

  LM311D Datasheet HTML 1Page - Texas Instruments LM311D Datasheet HTML 2Page - Texas Instruments LM311D Datasheet HTML 3Page - Texas Instruments LM311D Datasheet HTML 4Page - Texas Instruments LM311D Datasheet HTML 5Page - Texas Instruments LM311D Datasheet HTML 6Page - Texas Instruments LM311D Datasheet HTML 7Page - Texas Instruments LM311D Datasheet HTML 8Page - Texas Instruments LM311D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
BAL/STRB
COL OUT
IN−
IN+
BALANCE
EMIT OUT
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM111, LM211, LM311
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
LMx11 Quad Differential Comparators
1 Features
3 Description
The LM111, LM211, and LM311 devices are single
1
Fast Response Time: 165 ns
high-speed voltage comparators. These devices are
Strobe Capability
designed to operate from a wide range of power-
Maximum Input Bias Current: 300 nA
supply
voltages,
including
±15-V
supplies
for
operational amplifiers and 5-V supplies for logic
Maximum Input Offset Current: 70 nA
systems. The output levels are compatible with most
Can Operate From Single 5-V Supply
TTL and MOS circuits. These comparators are
Available in Q-Temp Automotive
capable of driving lamps or relays and switching
voltages up to 50 V at 50 mA. All inputs and outputs
High-Reliability Automotive Applications
can be isolated from system ground. The outputs can
Configuration Control and Print Support
drive loads referenced to ground, VCC+ or VCC−. Offset
Qualification to Automotive Standards
balancing and strobe capabilities are available, and
On Products Compliant to MIL-PRF-38535,
the outputs can be wire-OR connected. If the strobe
is low, the output is in the off state, regardless of the
All Parameters Are Tested Unless Otherwise
differential input.
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
Device Information(1)
of All Parameters.
PART NUMBER
PACKAGE
BODY SIZE
LMx11D
SOIC (8)
4.90 mm × 3.91 mm
2 Applications
LMx11DK
LCCC (20)
8.89 mm × 8.89 mm
Desktop PCs
LMx11JG
CDIP (8)
9.60 mm × 6.67 mm
LMx11P
PDIP (8)
9.81 mm × 6.35 mm
LMx11PS
SOP (8)
6.20 mm × 5.30 mm
LMx11PW
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM311D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM311D ONSEMI-LM311D Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311D STMICROELECTRONICS-LM311D Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
logo
Texas Instruments
LM311D TI-LM311D Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

Podobny opis - LM311D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com