Zakładka z wyszukiwarką danych komponentów |
|
54ACT169L Arkusz danych(PDF) 7 Page - National Semiconductor (TI) |
|
|
54ACT169L Arkusz danych(HTML) 7 Page - National Semiconductor (TI) |
7 / 10 page AC Operating Requirements (Continued) 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 9) C L = 50 pF Guaranteed Minimum t h Hold Time, HIGH or LOW 3.3 0.5 ns CET to CP 5.0 2.5 t s Setup Time, 3.3 8.5 HIGH or LOW 5.0 6.5 ns PE to CP t h Hold Time, HIGH or LOW 3.3 0.5 ns PE to CP 5.0 2.0 t s Setup Time, 3.3 13.0 HIGH or LOW 5.0 9.0 ns U/D to CP t h Hold Time, HIGH or LOW 3.3 0.5 ns U/D to CP 5.0 2.0 t w CP Pulse Width, 3.3 5.0 ns HIGH or LOW 5.0 5.0 Note 9: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Electrical Characteristics 54ACT V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 10) C L = 50 pF Min Max f max Maximum Clock 5.0 75 MHz Frequency t PLH Propagation Delay CP to Q n 5.0 1.5 12.5 ns (PE HIGH or LOW) t PHL Propagation Delay CP to Q n 5.0 1.5 12.5 ns (PE HIGH or LOW) t PLH Propagation Delay 5.0 1.5 16.5 ns CP to TC t PHL Propagation Delay 5.0 1.5 16.5 ns CP to TC t PLH Propagation Delay 5.0 1.5 13.5 ns CET to TC t PHL Propagation Delay 5.0 1.5 13.5 ns CET to TC t PLH Propagation Delay 5.0 1.5 14.5 ns U/D to TC t PHL Propagation Delay 5.0 1.5 14.5 ns U/D to TC 7 www.national.com |
Podobny numer części - 54ACT169L |
|
Podobny opis - 54ACT169L |