Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF310-S Arkusz danych(PDF) 2 Page - LEM

Numer części LF310-S
Szczegółowy opis  Bipolar and insulated current measurement up to 500 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF310-S Arkusz danych(HTML) 2 Page - LEM

  LF310-S Datasheet HTML 1Page - LEM LF310-S Datasheet HTML 2Page - LEM LF310-S Datasheet HTML 3Page - LEM LF310-S Datasheet HTML 4Page - LEM LF310-S Datasheet HTML 5Page - LEM LF310-S Datasheet HTML 6Page - LEM LF310-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2/7
27October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 310-S
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum supply voltage (working) (−40 … 85 °C)
±U
C
V
±21
Primary conductor temperature
T
B
°C
100
Maximum steady state primary current (−40 … 85 °C)
I
PN
A
300
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 9
Standards
● USR indicates investigation to the Standard for Industrial Control Equipment UL 508.
● CNR indicates investigation to the Canadian standard for Industrial Control Equipment CSA C22.2 No. 14-13
Conditions of acceptability
When installed in the end-use equipment, with primary feedthrough potential involved of 600 V AC/DC, consideration shall be
given to the following:
1 - These products must be mounted in a suitable end-use enclosure.
2-Thesecondarypinterminalshavenotbeenevaluatedforfieldwiring.
3-Low voltage control circuit shall be supplied by an isolating source (such as transformer, optical isolator, limiting
impedance or electro-mechanical relay).
4-BasedonthetemperaturetestperformedonallSeries,theprimarybarorconductorshallnotexceed100°Cinthe
end use application.
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL’s Follow-
Up Service. Always look for the Mark on the product.


Podobny numer części - LF310-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF311 NSC-LF311 Datasheet
190Kb / 4P
   Linear Intergrated Circuit
logo
MicroPower Direct, LLC
LF311RU MPD-LF311RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF311RW MPD-LF311RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RU MPD-LF312RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RW MPD-LF312RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
More results

Podobny opis - LF310-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF2010-S LEM-LF2010-S Datasheet
622Kb / 7P
   Bipolar and insulated current measurement up to 3 kA
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
logo
PHOENIX CONTACT
100241 PHOENIX-100241 Datasheet
1Mb / 19P
   Current transducer up to 55 A, programmable and configurable
logo
Weidmuller
2716650000 WEIDMULLER-2716650000 Datasheet
143Kb / 4P
   Rated current : 16 A, Applications: Power and flow measurement
November 4, 2021
2716660000 WEIDMULLER-2716660000 Datasheet
149Kb / 4P
   Rated current : 32 A, Applications: Power and flow measurement
November 4, 2021
2716670000 WEIDMULLER-2716670000 Datasheet
169Kb / 4P
   Rated current : 63 A, Applications: Power and flow measurement
November 4, 2021
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com