Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2010-S Arkusz danych(PDF) 3 Page - LEM

Numer części LF2010-S
Szczegółowy opis  Bipolar and insulated current measurement up to 3 kA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF2010-S Arkusz danych(HTML) 3 Page - LEM

  LF2010-S Datasheet HTML 1Page - LEM LF2010-S Datasheet HTML 2Page - LEM LF2010-S Datasheet HTML 3Page - LEM LF2010-S Datasheet HTML 4Page - LEM LF2010-S Datasheet HTML 5Page - LEM LF2010-S Datasheet HTML 6Page - LEM LF2010-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3/7
8October2015/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 2010-S
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
6
Impulse withstand voltage 1.2/50 µs
Û
W
kV
23
Insulation resistance
R
IS
MΩ
200
measured at 500 V DC
Comparative tracking index
CTI
600
Application example
2000 V
CAT III, PD2
Reinforced insulation, non
uniform field according to
EN 50178, IEC 61010
Application example
4000 V
CAT III, PD2
Basic insulation, non
uniform field according to
EN 50178, IEC 61010
Case material
-
-
V0 according
to UL 94
Clearance and creepage
See dimensions drawing on page 7
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
85
Ambient storage temperature
T
S
°C
−50
90
Mass
m
g
1500


Podobny numer części - LF2010-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF201D MPD-LF201D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
LF201D MPD-LF201D Datasheet
270Kb / 2P
   LF200D SERIES
LF201ED MPD-LF201ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF201ED MPD-LF201ED Datasheet
315Kb / 2P
   LF200ED SERIES
LF201ES MPD-LF201ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results

Podobny opis - LF2010-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
SHT3X-DIS ETC2-SHT3X-DIS Datasheet
1Mb / 18P
   Very fast start-up and measurement time
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
   Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
   Current and Voltage Sense with Power Measurement
2018
logo
Danisense A/S
DC200IF DANISENSE-DC200IF Datasheet
423Kb / 6P
   Highly stabilized and precise fluxgate technology based current transducer, reengineered cost sensitive, non-intrusive, isolated DC and AC current measurement applications up to 300A
2022-11-25
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com