Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2010-S Arkusz danych(PDF) 6 Page - LEM

Numer części LF2010-S
Szczegółowy opis  Bipolar and insulated current measurement up to 3 kA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEM [LEM]
Strona internetowa  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF2010-S Arkusz danych(HTML) 6 Page - LEM

  LF2010-S Datasheet HTML 1Page - LEM LF2010-S Datasheet HTML 2Page - LEM LF2010-S Datasheet HTML 3Page - LEM LF2010-S Datasheet HTML 4Page - LEM LF2010-S Datasheet HTML 5Page - LEM LF2010-S Datasheet HTML 6Page - LEM LF2010-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6/7
8October2015/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 2010-S
Sensitivity and linearity
To measure sensitivity and linearity, the primary current (DC) is
cycled from 0 to I
PM, then to −IPM and back to 0 (equally spaced
I
PM/10 steps).
The sensitivity G is defined as the slope of the linear regression
line for a cycle between ±I
PM.
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed in % of the maximum measured
value.
Magnetic offset
The magnetic offset I
OM is the change of offset after a given
current has been applied to the input. It is included in the linearity
error as long as the transducer remains in its measuring range.
Electrical offset
The electrical offset current I
OE is the residual output current
when the input current is zero.
Figure 5: Typical frequency response, small signal bandwidth
Performance parameters definition
Overall accuracy
The overall accuracy X
G is the error at ±IPN, relative to the rated
value I
PN.
It includes all errors mentioned above.
Response and reaction times
The response time t
r and the reaction time tra are shown in the
next figure.
Both slightly depend on the primary current di/dt. They are
measured at nominal current.
Figure 6: Response time t
r and reaction time tra
I
S
t
r
t
ra
t
90 %
10 %
100 %
I
P
I
Typical performance characteristics
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
0.01
0.1
1
10
100
1000
Frequency (kHz)
-90
-45
0
45
90
0.01
0.1
1
10
100
1000
Frequency (kHz)


Podobny numer części - LF2010-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF201D MPD-LF201D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
LF201D MPD-LF201D Datasheet
270Kb / 2P
   LF200D SERIES
LF201ED MPD-LF201ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF201ED MPD-LF201ED Datasheet
315Kb / 2P
   LF200ED SERIES
LF201ES MPD-LF201ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results

Podobny opis - LF2010-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
SHT3X-DIS ETC2-SHT3X-DIS Datasheet
1Mb / 18P
   Very fast start-up and measurement time
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
   Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
   Current and Voltage Sense with Power Measurement
2018
logo
Danisense A/S
DC200IF DANISENSE-DC200IF Datasheet
423Kb / 6P
   Highly stabilized and precise fluxgate technology based current transducer, reengineered cost sensitive, non-intrusive, isolated DC and AC current measurement applications up to 300A
2022-11-25
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com