Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM185BYH1.2-SMD Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM185BYH1.2-SMD
Szczegółowy opis  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM185BYH1.2-SMD Arkusz danych(HTML) 5 Page - Texas Instruments

  LM185BYH1.2-SMD Datasheet HTML 1Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 2Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 3Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 4Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 5Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 6Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 7Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 8Page - Texas Instruments LM185BYH1.2-SMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM185-1.2QML
www.ti.com
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
LM185-1.2RLQV SMD 5962R8759461 Post 100 krad Electrical Characteristics DC Parameters
(1) (2)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
ΔVRef
Change in Reverse Breakdown
IR = 10µA
(3)
-3
3
%
1
Voltage
IR = 1mA
(3)
-3
3
%
1
IR = 20mA
(3)
-2.5
2.5
%
1
ΔVRef / ΔIR Reverse Breakdown Voltage
10µA
≤ IR ≤ 1mA
-15
15
mV
1
Change with Current
1mA
≤ IR ≤ 20mA
-25
25
mV
1
VF
Forward Bias Voltage
IF = 2mA
-1.0
-0.4
V
1
(1)
Radiation hardness assured (RHA) products are those with an "RLQV" suffix in the Texas Instruments' part number or those with an "R"
in the SMD number, following "5962".
(2)
Testing and qualification for RHA products is done on a wafer level according to MIL-STD-883, Test Method 1019. Testing is performed
with a 1.5X overtest. To be rated at 100 krad(Si) units are tested to 150 krad(Si) with all parameters remaining inside the post 100 krad
Electrical DC test limits in this table. Interim test points are taken at 50, 75 and 100 krad(Si).
(3)
Change from the 0 rad reading.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM185-1.2QML


Podobny numer części - LM185BYH1.2-SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM185BYH1.2-SMD TI1-LM185BYH1.2-SMD Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Podobny opis - LM185BYH1.2-SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com