Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM185WG-1.2RLQV Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM185WG-1.2RLQV
Szczegółowy opis  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM185WG-1.2RLQV Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM185WG-1.2RLQV Datasheet HTML 7Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 8Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 9Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 10Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 11Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 12Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 13Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 14Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LM185-1.2QML
www.ti.com
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
Calibration
1. Adjust R1 so that V1 = temp at 1mV/°K
2. Adjust V2 to 273.2mV
†IQ for 1.3V to 1.6V battery volt-
age = 50
μA to 150μA
Typical supply current 50
μA
Figure 24. Centigrade Thermometer
Adjustment Procedure
1. Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature multiplied by the thermocouple Seebeck
coefficient.
2. Adjust zero ADJ pot until voltage across R2 equals the thermocouple Seebeck coefficient multiplied by 273.2.
Figure 25. Micropower Thermocouple Cold Junction Compensator
Seebeck
Voltage
Voltage
Thermocouple
R1
R2
Coefficient
Across R1
Across R2
Type
(
Ω)
(
Ω)
(
μV/°C)
@ 25°C (mV)
(mV)
J
52.3
523
1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
412
953
12.17
11.17
S
6.4
63.4
150
1.908
1.766
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM185-1.2QML


Podobny numer części - LM185WG-1.2RLQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM185WG-1.2RLQV TI1-LM185WG-1.2RLQV Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Podobny opis - LM185WG-1.2RLQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com