Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD86369_F085 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD86369_F085
Szczegółowy opis  Automotive Engine Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86369_F085 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD86369_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD86369_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD86369_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD86369_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD86369_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD86369_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2015 Fairchild Semiconductor Corporation
FDD86369_F085 Rev. 1.0
www.fairchildsemi.com
5
Figure 11.
56789
10
0
20
40
60
80
100
ID = 80A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 175oC
RDSON vs. Gate Voltage
Figure 12. Normalized RDSON vs. Junction
Temperature
-80
-40
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
2.4
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 80A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Figure 13.
-80
-40
0
40
80
120
160
200
0.0
0.3
0.6
0.9
1.2
1.5
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs.
Temperature
Figure 14.
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
ID = 5mA
TJ, JUNCTION TEMPERATURE (oC)
Normalized Drain to Source
Breakdown Voltage vs. Junction Temperature
Figure 15.
0.1
1
10
100
1
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Drain to Source
Voltage
Figure 16.
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
VDD = 40V
VDD =32V
ID = 80A
VDD = 48V
Qg, GATE CHARGE(nC)
Gate Charge vs. Gate to Source
Voltage
Typical Characteristics


Podobny numer części - FDD86369_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
   Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
More results

Podobny opis - FDD86369_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
   Automotive Engine Control
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com