Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP102-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP102-Q1
Szczegółowy opis  Low-Power Digital Temperature Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TMP102-Q1 Datasheet HTML 1Page - Texas Instruments TMP102-Q1 Datasheet HTML 2Page - Texas Instruments TMP102-Q1 Datasheet HTML 3Page - Texas Instruments TMP102-Q1 Datasheet HTML 4Page - Texas Instruments TMP102-Q1 Datasheet HTML 5Page - Texas Instruments TMP102-Q1 Datasheet HTML 6Page - Texas Instruments TMP102-Q1 Datasheet HTML 7Page - Texas Instruments TMP102-Q1 Datasheet HTML 8Page - Texas Instruments TMP102-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP102-Q1
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP102-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TMP102-Q1
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus
and Two-Wire Serial Interface in SOT563
1 Features
3 Description
The TMP102-Q1 device is a digital temperature
1
AEC-Q100 Qualified with:
sensor
ideal
for
NTC
and
PTC
thermistor
Temperature Grade 1: –40°C to 125°C
replacement where high accuracy is required. The
Ambient Operating Temperature Range
device offers an accuracy of ±0.5°C without requiring
HBM ESD Classification Level 2
calibration or external component signal conditioning.
Device temperature sensors are highly linear and do
CDM ESD Classification Level C6
not require complex calculations or lookup tables to
SOT563 Package (1.6 mm × 1.6 mm) is a 68%
derive the temperature. The on-chip 12-bit ADC offers
Smaller Footprint than SOT23
resolutions down to 0.0625°C.
Accuracy Without Calibration:
The 1.6-mm × 1.6-mm SOT563 package is 68%
2°C (Max) from –25°C to 85°C
smaller footprint than an SOT23 package. The
TMP102-Q1 device features SMBus, two-wire, and
3°C (Max) from –40°C to 125°C
I2C interface compatibility, and allows up to four
Low Quiescent Current:
devices on one bus. The device also features an
10-
μA Active (Max)
SMBus alert function. The device is specified to
1-
μA Shutdown (Max)
operate over supply voltages from 1.4 V to 3.6 V with
the maximum quiescent current of 10 µA over the full
Supply Range: 1.4 V to 3.6 V
operating range.
Resolution: 12 Bits
The
TMP102-Q1
device
is
ideal
for
extended
Digital Output: SMBus™, Two-Wire, and I2C
temperature
measurement
in
a
variety
of
Interface Compatibility
communication, computer, consumer, environmental,
NIST Traceable
industrial,
and
instrumentation
applications.
The
device is specified for operation over a temperature
2 Applications
range of –40°C to 125°C.
Climate Controls
The TMP102-Q1 production units are 100% tested
against sensors that are NIST-traceable and are
Infotainment Processor Management
verified with equipment that are NIST-traceable
Airflow Sensors
through ISO/IEC 17025 accredited calibrations.
Battery Control Units
Engine Control Units
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UREA Sensors
TMP102-Q1
SOT563 (6)
1.60 mm × 1.20 mm
Water Pumps
(1) For all available packages, see the orderable addendum at
HID Lamps
the end of the datasheet.
Airbag Control Units
Simplified Schematic
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TMP102-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI1-TMP102-Q1 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Podobny opis - TMP102-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com